Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2544 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5USB2544
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5USB2544 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2544 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
USB Charging Port Controller and Detection Power Switch
2015-08-0009
PT0514-4
08/24/15
1
PI5USB2544
Features
 Supports CDP/DCP Modes per USB Battery Charging
Specification 1.2
 Supports Shorted Mode per Chinese Telecommunication
Industry Standard YD/T1591-2009
 Supports non-BC1.2 Charging Modes by Automatic
Selection
Divider-1A mode
Divider-2A mode
DCP-1.2V mode
 Supports Sleep-Mode Charging and Mouse/Keyboard
Wake up
 Automatic SDP/CDP Switching for Devices that do not
request for the CDP Ports
 Load Detection for Power Supply Control in S4/S5
Charging and Port Power Management in all Charge
Modes
 Compatible with USB 2.0/3.0 Power Switch requirements
 Integrated 73-mΩ (Typ.) High-Side MOSFET
 Adjustable Current-Limit up to 3A(Typ.)
 Operating Range:4.5V to 5.5V
 Max Device Current
2μA at Device Disabled
270μA at Device Enabled
Device Package: TQFN 3.0x3.0-16L
Description
The PI5USB2544 is a USB charging port controller and
power switch with an integrated USB 2.0 high-speed data
line (D+/D–) switch. PI5USB2544 provides the electrical
signatures on D+/D– to support charging schemes listed
under device feature section. This series is compatible with
both popular BC1.2 compliant and non-BC1.2 compliant
devices.
System wake up (from S3) with a mouse/keyboard (both low
speed and full speed) is fully supported in the PI5USB2544.
The PI5USB2544 series 73-mΩ power-distribution switch is
intended for applications where heavy capacitive loads and
short-circuits
are
likely
to
be
encountered.
Two
programmable current thresholds provide flexibility for
setting current limits and load detect thresholds.
Applications
USB Ports (Host and Hubs)
Notebook and Desktop PCs
Universal Wall Charging Adapters
Pin Configuration (TQFN-16L, ZH)
PI5USB2544


Similar Part No. - PI5USB2544

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2544AZHEX PERICOM-PI5USB2544AZHEX Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
More results

Similar Description - PI5USB2544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
USB Charging Port Controller and Load Detection Power Switch
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
1/18/2017
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com