Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3151ARSZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM3151ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3151ARSZ Datasheet(HTML) 1 Page - Analog Devices

  ADuM3151ARSZ Datasheet HTML 1Page - Analog Devices ADuM3151ARSZ Datasheet HTML 2Page - Analog Devices ADuM3151ARSZ Datasheet HTML 3Page - Analog Devices ADuM3151ARSZ Datasheet HTML 4Page - Analog Devices ADuM3151ARSZ Datasheet HTML 5Page - Analog Devices ADuM3151ARSZ Datasheet HTML 6Page - Analog Devices ADuM3151ARSZ Datasheet HTML 7Page - Analog Devices ADuM3151ARSZ Datasheet HTML 8Page - Analog Devices ADuM3151ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
3.75 kV, 7-Channel,
SPIsolator Digital Isolators for SPI
Data Sheet
ADuM3151/ADuM3152/ADuM3153
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Supports up to 17 MHz SPI clock speed
4 high speed, low propagation delay, SPI signal isolation
channels
Three 250 kbps data channels
20-lead SSOP package with 5.1 mm creepage
High temperature operation: 125°C
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognition per UL 1577
3750 V rms for 1 minute
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 565 V peak
APPLICATIONS
Industrial programmable logic controllers (PLCs)
Sensor isolation
GENERAL DESCRIPTION
The ADuM3151/ADuM3152/ADuM31531 are 7-channel,
SPIsolator™ digital isolators optimized for isolated serial peripheral
interfaces (SPIs). Based on the Analog Devices, Inc., iCoupler®
chip scale transformer technology, the low propagation delay in
the CLK, MO/SI, MI/SO, and SS SPI bus signals supports SPI
clock rates of up to 17 MHz. These channels operate with 14 ns
propagation delay and 1 ns jitter to optimize timing for SPI.
The ADuM3151/ADuM3152/ADuM3153 isolators also provide
three additional independent low data rate isolation channels in
three different channel direction combinations. Data in the slow
channels is sampled and serialized for a 250 kbps data rate with
up to 2.5 μs of jitter in the low speed channels.
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
CONTROL
BLOCK
DECODE
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
MCLK
MO
MI
MSS
VIA
VIB
VOC
VDD2
GND2
SCLK
SI
SO
SSS
VOA
VOB
VIC
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
GND1
GND2
9
10
12
11
ADuM3151
CONTROL
BLOCK
Figure 1. ADuM3151 Functional Block Diagram
ENCODE
DECODE
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
MCLK
MO
MI
MSS
VIA
VOB
VOC
VDD2
GND2
SCLK
SI
SO
SSS
VOA
VIB
VIC
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
GND1
GND2
9
10
12
11
ADuM3152
CONTROL
BLOCK
CONTROL
BLOCK
Figure 2. ADuM3152 Functional Block Diagram
ENCODE
DECODE
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
MCLK
MO
MI
MSS
VOA
VOB
VOC
VDD2
GND2
SCLK
SI
SO
SSS
VIA
VIB
VIC
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
GND1
GND2
9
10
12
11
ADuM3153
CONTROL
BLOCK
CONTROL
BLOCK
Figure 3. ADuM3153 Functional Block Diagram
1 Protected by U.S. Patents 5,952,849; 6,873,065; 6,262,600; and 7,075,329. Other patents are pending.


Similar Part No. - ADuM3151ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3151ARSZ AD-ADUM3151ARSZ Datasheet
421Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3151ARSZ-RL7 AD-ADUM3151ARSZ-RL7 Datasheet
421Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
More results

Similar Description - ADuM3151ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADUM3150 AD-ADUM3150 Datasheet
414Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
REV. A
ADUM3154 AD-ADUM3154 Datasheet
412Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM4151 AD-ADUM4151 Datasheet
447Kb / 22P
5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
REV. A
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM3150 AD-ADUM3150_V01 Datasheet
415Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3154 AD-ADUM3154_V01 Datasheet
381Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM4151 AD-ADUM4151_V01 Datasheet
425Kb / 22P
5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com