Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3151ARSZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADuM3151ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3151ARSZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADuM3151ARSZ Datasheet HTML 14Page - Analog Devices ADuM3151ARSZ Datasheet HTML 15Page - Analog Devices ADuM3151ARSZ Datasheet HTML 16Page - Analog Devices ADuM3151ARSZ Datasheet HTML 17Page - Analog Devices ADuM3151ARSZ Datasheet HTML 18Page - Analog Devices ADuM3151ARSZ Datasheet HTML 19Page - Analog Devices ADuM3151ARSZ Datasheet HTML 20Page - Analog Devices ADuM3151ARSZ Datasheet HTML 21Page - Analog Devices ADuM3151ARSZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADuM3151/ADuM3152/ADuM3153
synchronized or pushed apart when they are presented at the
output. Edge order is always preserved for as long as the edges
are separated by at least VIx SKEW. In other words, if one edge is
leading another at the input, the order of the edges is not
reversed by the isolator.
PRINTED CIRCUIT BOARD (PCB) LAYOUT
The ADuM3151/ADuM3152/ADuM3153 digital isolators
require no external interface circuitry for the logic interfaces.
Power supply bypassing is strongly recommended at both input
and output supply pins: VDD1 and VDD2 (see Figure 15). The
capacitor value must be between 0.01 µF and 0.1 µF. The total
lead length between both ends of the capacitor and the input
power supply pin must not exceed 20 mm.
BYPASS < 2mm
VDD1
GND1
MCLK
MO
MI
MSS
VIA/VOA
VIB/VOB
VDD2
GND2
SCLK
SI
SO
SSS
VOA/VIB
VIB/VOB
VOC
GND1
VIC
GND2
ADuM3151/
ADuM3152/
ADuM3153
Figure 15. Recommended PCB Layout
In applications involving high common-mode transients, it is
important to minimize board coupling across the isolation
barrier. Furthermore, design the board layout so that any
coupling that does occur affects all pins equally on a given
component side. Failure to ensure this can cause voltage
differentials between pins exceeding the absolute maximum
ratings of the device, thereby leading to latch-up or permanent
damage.
PROPAGATION DELAY RELATED PARAMETERS
Propagation delay is a parameter that describes the time it takes
a logic signal to propagate through a component. The input to
output propagation delay time for a high to low transition may
differ from the propagation delay time of a low to high
transition.
INPUT
OUTPUT
tPLH
tPHL
50%
50%
Figure 16. Propagation Delay Parameters
Pulse width distortion is the maximum difference between
these two propagation delay values and an indication of how
accurately the timing of the input signal is preserved.
Channel to channel matching refers to the maximum amount
the propagation delay differs between channels within a single
ADuM3151/ADuM3152/ADuM3153 component.
DC CORRECTNESS AND MAGNETIC FIELD
IMMUNITY
Positive and negative logic transitions at the isolator input cause
narrow (~1 ns) pulses to be sent via the transformer to the decoder.
The decoder is bistable and is, therefore, either set or reset by
the pulses indicating input logic transitions. In the absence of
logic transitions at the input for more than ~1.2 µs, a periodic
set of refresh pulses indicative of the correct input state are sent
via the low speed channel to ensure dc correctness at the output.
If the low speed decoder receives no pulses for more than about
5 µs, the input side is assumed to be unpowered or nonfunctional,
in which case, the isolator output is forced to a high-Z state by
the watchdog timer circuit.
The limitation on the magnetic field immunity of the device is
set by the condition in which induced voltage in the transformer
receiving coil is sufficiently large to either falsely set or reset the
decoder. The following analysis defines such conditions. The
ADuM3151/ADuM3152/ADuM3153 were examined in a 3 V
operating condition because it represents the most susceptible
mode of operation for this product.
The pulses at the transformer output have an amplitude greater
than 1.5 V. The decoder has a sensing threshold of about 1.0 V;
thereby, establishing a 0.5 V margin in which induced voltages
can be tolerated. The voltage induced across the receiving coil is
given by
V = (−dβ/dt)∑πrn2; n = 1, 2, …, N
where:
β is the magnetic flux density.
rn is the radius of the nth turn in the receiving coil.
N is the number of turns in the receiving coil.
Given the geometry of the receiving coil in the ADuM3151/
ADuM3152/ADuM3153 and an imposed requirement that the
induced voltage be, at most, 50% of the 0.5 V margin at the
decoder, a maximum allowable magnetic field is calculated as
shown in Figure 17.
MAGNETIC FIELD FREQUENCY (Hz)
1k
0.001
100
100M
10
1
0.1
0.01
10k
100k
1M
10M
Figure 17. Maximum Allowable External Magnetic Flux Density
Rev. A | Page 19 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com