Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3151ARSZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADuM3151ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3151ARSZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADuM3151ARSZ Datasheet HTML 13Page - Analog Devices ADuM3151ARSZ Datasheet HTML 14Page - Analog Devices ADuM3151ARSZ Datasheet HTML 15Page - Analog Devices ADuM3151ARSZ Datasheet HTML 16Page - Analog Devices ADuM3151ARSZ Datasheet HTML 17Page - Analog Devices ADuM3151ARSZ Datasheet HTML 18Page - Analog Devices ADuM3151ARSZ Datasheet HTML 19Page - Analog Devices ADuM3151ARSZ Datasheet HTML 20Page - Analog Devices ADuM3151ARSZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
ADuM3151/ADuM3152/ADuM3153
TYPICAL PERFORMANCE CHARACTERISTICS
0
1
2
3
4
5
7
6
0
20
40
60
80
DATA RATE (Mbps)
3.3V
5.0V
Figure 8. Typical Dynamic Supply Current per Input Channel vs. Data Rate
for 5.0 V and 3.3 V Operation
0
5
10
15
20
25
30
0
20
40
60
80
DATA RATE (Mbps)
3.3V
5.0V
Figure 9. Typical IDD1 Supply Current vs. Data Rate for
5.0 V and 3.3 V Operation
0
2
4
6
8
10
12
14
16
–40
10
60
110
AMBIENT TEMPERATURE (°C)
3.3V
5.0V
Figure 10. Typical Propagation Delay vs. Ambient Temperature for High
Speed Channels Without Glitch Filter (See the High Speed Channels Section)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
DATA RATE (Mbps)
3.3V
5.0V
Figure 11. Typical Dynamic Supply Current per Output Channel vs. Data Rate
for 5.0 V and 3.3 V Operation
0
5
10
15
20
25
0
20
40
60
80
DATA RATE (Mbps)
3.3V
5.0V
Figure 12. Typical IDD2 Supply Current vs. Data Rate for
5.0 V and 3.3 V Operation
–40
10
60
110
AMBIENT TEMPERATURE (°C)
3.3V
5.0V
0
5
10
15
20
25
Figure 13. Typical Propagation Delay vs. Ambient Temperature for High
Speed Channels with Glitch Filter (See the High Speed Channels Section)
Rev. A | Page 17 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com