Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3151ARSZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADuM3151ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3151ARSZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADuM3151ARSZ Datasheet HTML 10Page - Analog Devices ADuM3151ARSZ Datasheet HTML 11Page - Analog Devices ADuM3151ARSZ Datasheet HTML 12Page - Analog Devices ADuM3151ARSZ Datasheet HTML 13Page - Analog Devices ADuM3151ARSZ Datasheet HTML 14Page - Analog Devices ADuM3151ARSZ Datasheet HTML 15Page - Analog Devices ADuM3151ARSZ Datasheet HTML 16Page - Analog Devices ADuM3151ARSZ Datasheet HTML 17Page - Analog Devices ADuM3151ARSZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ADuM3151/ADuM3152/ADuM3153
Data Sheet
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD1 1
GND1 2
MCLK
3
MO
4
20
19
18
17
MI
5
MSS
6
VIA 7
16
15
14
VIB 8
13
VOC 9
12
GND1
VDD2
GND2
SCLK
SI
SO
SSS
VOA
VOB
VIC
GND2
10
11
ADuM3151
(Not to Scale)
TOP VIEW
Figure 5. ADuM3151 Pin Configuration
Table 20. ADuM3151 Pin Function Descriptions
Pin No.
Mnemonic
Direction
Description
1
VDD1
Power
Input Power Supply for Side 1. A bypass capacitor from VDD1 to GND1 to local ground is required.
2, 10
GND1
Return
Ground 1. Ground reference for Isolator Side 1.
3
MCLK
Clock
SPI Clock from the Master Controller.
4
MO
Input
SPI Data from the Master MO/SI Line.
5
MI
Output
SPI Data from the Slave to the Master MI/SO Line.
6
MSS
Input
Slave Select from the Master. This signal uses an active low logic. The slave select pin requires a 10 ns
setup time from the next clock or data edge.
7
VIA
Input
Low Speed Data Input A.
8
VIB
Input
Low Speed Data Input B.
9
VOC
Output
Low Speed Data Output C.
11, 19
GND2
Return
Ground 2. Ground reference for Isolator Side 2.
12
VIC
Input
Low Speed Data Input C.
13
VOB
Output
Low Speed Data Output B.
14
VOA
Output
Low Speed Data Output A.
15
SSS
Output
Slave Select to the Slave. This signal uses an active low logic.
16
SO
Input
SPI Data from the Slave to the Master MI/SO Line.
17
SI
Output
SPI Data from the Master to the Slave MO/SI Line.
18
SCLK
Output
SPI Clock from the Master Controller.
20
VDD2
Power
Input Power Supply for Side 2. A bypass capacitor from VDD2 to GND2 to local ground is required.
Rev. A | Page 14 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com