Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3151ARSZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADuM3151ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3151ARSZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADuM3151ARSZ Datasheet HTML 8Page - Analog Devices ADuM3151ARSZ Datasheet HTML 9Page - Analog Devices ADuM3151ARSZ Datasheet HTML 10Page - Analog Devices ADuM3151ARSZ Datasheet HTML 11Page - Analog Devices ADuM3151ARSZ Datasheet HTML 12Page - Analog Devices ADuM3151ARSZ Datasheet HTML 13Page - Analog Devices ADuM3151ARSZ Datasheet HTML 14Page - Analog Devices ADuM3151ARSZ Datasheet HTML 15Page - Analog Devices ADuM3151ARSZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ADuM3151/ADuM3152/ADuM3153
Data Sheet
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12 INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is ensured by
protective circuits. The asterisk (*) marked on packages denotes DIN V VDE V 0884-10 approval.
Table 16.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
565
V peak
Input-to-Output Test Voltage, Method b1
VIORM × 1.875 = Vpd(m), 100% production test,
tini = tm = 1 sec, partial discharge < 5 pC
Vpd(m)
1059
V peak
Input-to-Output Test Voltage, Method a
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd(m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
Vpd(m)
848
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
Vpd(m)
678
V peak
Highest Allowable Overvoltage
VIOTM
5000
V peak
Surge Isolation Voltage
VIOSM(TEST) = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
VIOSM
6250
V peak
Safety Limiting Values
Maximum value allowed in the event of a
failure (see Figure 4)
Case Temperature
TS
150
°C
Safety Total Dissipated Power
IS1
1.4
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
200
150
100
50
AMBIENT TEMPERATURE (°C)
Figure 4. Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 17.
Parameter
Symbol
Min
Max
Unit
Operating Temperature Range
TA
−40°C
+125
°C
Supply Voltage Range1
VDD1,
VDD2
3.0
5.5
V
Input Signal Rise and Fall Times
1.0
ms
1
See the DC Correctness and Magnetic Field Immunity section for information
on the immunity to the external magnetic fields.
Rev. A | Page 12 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com