Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3151ARSZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM3151ARSZ
Description  3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3151ARSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM3151ARSZ Datasheet HTML 7Page - Analog Devices ADuM3151ARSZ Datasheet HTML 8Page - Analog Devices ADuM3151ARSZ Datasheet HTML 9Page - Analog Devices ADuM3151ARSZ Datasheet HTML 10Page - Analog Devices ADuM3151ARSZ Datasheet HTML 11Page - Analog Devices ADuM3151ARSZ Datasheet HTML 12Page - Analog Devices ADuM3151ARSZ Datasheet HTML 13Page - Analog Devices ADuM3151ARSZ Datasheet HTML 14Page - Analog Devices ADuM3151ARSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
ADuM3151/ADuM3152/ADuM3153
Rev. A | Page 11 of 22
REGULATORY INFORMATION
The ADuM3151/ADuM3152/ADuM3153 are approved by the organizations listed in Table 14. See Table 19 and the Insulation Lifetime
section for the recommended maximum working voltages for specific cross isolation waveforms and insulation levels.
Table 14.
UL
CSA
VDE
Recognized under 1577 Component
Recognition Program1
Approved under CSA Component Acceptance
Notice #5A
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
3750 V rms Single Protection
Basic insulation per CSA 60950-1-07+A1+A2
and IEC 60950-1 2nd Ed.+A1+A2, 510 V rms
(721 V peak) maximum working voltage3
Reinforced insulation, 565 V peak
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each model is proof tested by applying an insulation test voltage ≥4500 V rms for 1 second (current leakage detection limit = 10 μA).
2 In accordance with DIN V VDE V 0884-10, each model is proof tested by applying an insulation test voltage ≥ 525 V peak for 1 second (partial discharge detection limit = 5 pC).
The asterisk (*) marked on the component designates DIN V VDE V 0884-10 approval.
3 See Table 19 for recommended maximum working voltages under various operating conditions.
INSULATION AND SAFETY RELATED SPECIFICATIONS
Table 15.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
3750
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
5.1
mm min
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
5.1
mm min
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017
mm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303, Part 1
Material Group
II
Material group (DIN VDE 0110, 1/89, Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com