Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8900A Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 65Page - Cirrus Logic CS8900A Datasheet HTML 66Page - Cirrus Logic CS8900A Datasheet HTML 67Page - Cirrus Logic CS8900A Datasheet HTML 68Page - Cirrus Logic CS8900A Datasheet HTML 69Page - Cirrus Logic CS8900A Datasheet HTML 70Page - Cirrus Logic CS8900A Datasheet HTML 71Page - Cirrus Logic CS8900A Datasheet HTML 72Page - Cirrus Logic CS8900A Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
DS271PP3
69
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.22 Register 19: Test Control
(TestCTL, Read/Write, Address: PacketPage base + 0118h)
TestCTL controls the diagnostic test modes of the CS8900A.
011001
These bits provide an internal address used by the CS8900A to identify this as the Test Control
Register.
DisableLT
When set, the 10BASE-T interface allows packet transmission and reception regardless of the
link status. DisableLT is used in conjunction with the LinkOK (Register 14, LineST, Bit 7) as fol-
lows:
LinkOK
DisableLT
0
0
No packet transmission for reception
allowed. Transmitter sends link impulses.
0
1
DisableLT overrides LinkOK to allow packet
transmission and reception. Transmitter
does not send link pulses.
1
N/A
Disable has no meaning if LinkOK = 1.
ENDECloop
When set, the CS8900A enters internal loopback mode where the internal Manchester encoder
output is connected to the decoder input. The 10BASE-T and AUI transmitters and receivers
are disabled. When clear, the CS8900A is configured for normal operation.
AUIloop
When set, the CS8900A allows reception while transmitting. This facilitates loopback tests for
the AUI. When clear, the CS8900A is configured for normal AUI operation.
Disable Backoff
When set, the backoff algorithm is disabled. The CS8900A transmitter looks only for completion
of the inter packet gap before starting transmission. When clear, the backoff algorithm is used.
FDX
When set, 10BASE-T full duplex mode is enabled and CRS (Register 14, LineST, Bit E) is ig-
nored. This bit must be set when performing loopback tests on the 10BASE-T port. When clear,
the CS8900A is configured for standard half-duplex 10BASE-T operation.
At reset, if no EEPROM is found by the CS8900A, then the register has the following initial state. If an EEPROM is
found, then the register’s initial value may be set by the EEPROM. See Section 3.3 on page 19.
Reset value is: 0000 0000 0001 1001
765
4321
0
DisableLT
011001
F
E
DCBA
9
8
FDX
Disable Back-
off
AUIloop
ENDEC loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com