Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8900A Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 48Page - Cirrus Logic CS8900A Datasheet HTML 49Page - Cirrus Logic CS8900A Datasheet HTML 50Page - Cirrus Logic CS8900A Datasheet HTML 51Page - Cirrus Logic CS8900A Datasheet HTML 52Page - Cirrus Logic CS8900A Datasheet HTML 53Page - Cirrus Logic CS8900A Datasheet HTML 54Page - Cirrus Logic CS8900A Datasheet HTML 55Page - Cirrus Logic CS8900A Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
52
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.5 Register 0: Interrupt Status Queue
(ISQ, Read-only, Address: PacketPage base + 0120h)
The Interrupt Status Queue Register is used in both Memory Mode and I/O Mode to provide the host with interrupt
information. Whenever an event occurs that triggers an enabled interrupt, the CS8900A sets the appropriate bit(s)
in one of five registers, maps the contents of that register to the ISQ register, and drives an IRQ pin high. Three of
the registers mapped to ISQ are event registers: RxEvent (Register 4), TxEvent (Register 8), and BufEvent (Register
C). The other two registers are counter-overflow reports: RxMISS (Register 10) and TxCOL (Register 12). In Mem-
ory Mode, ISQ is located at PacketPage base + 120h. In I/O Mode, ISQ is located at I/O Base + 0008h. See
Section 5.1 on page 79.
RegNum
The lower six bits describe which register (4, 8, C, 10 or 12) is contained in the ISQ.
RegContent
The upper ten bits contain the register data contents.
Reset value is: 0000 0000 0000 0000
765
4321
0
RegContent
RegNum
F
E
DCBA
9
8
RegContent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com