Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8900A Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 24Page - Cirrus Logic CS8900A Datasheet HTML 25Page - Cirrus Logic CS8900A Datasheet HTML 26Page - Cirrus Logic CS8900A Datasheet HTML 27Page - Cirrus Logic CS8900A Datasheet HTML 28Page - Cirrus Logic CS8900A Datasheet HTML 29Page - Cirrus Logic CS8900A Datasheet HTML 30Page - Cirrus Logic CS8900A Datasheet HTML 31Page - Cirrus Logic CS8900A Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
28
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
3.8 LED Outputs
The CS8900A provides three output pins that can
be used to control LEDs or external logic.
3.8.0.1 LANLED
LANLED goes low whenever the CS8900A trans-
mits or receives a frame, or when it detects a colli-
sion. LANLED remains low until there has been no
activity for 6 ms (i.e. each transmission, reception,
or collision produces a pulse lasting a minimum of
6 ms).
3.8.0.2 LINKLED or HC0
LINKLED or HC0 can be controlled by either the
CS8900A or the host. When controlled by the
CS8900A, LINKLED is
low whenever
the
CS8900A receives valid 10BASE-T link pulses. To
configure this pin for CS8900A control, the HC0E
bit (Register 15, SelfCTL, Bit C) must be clear.
When controlled by the host, LINKLED is low
whenever the HCB0 bit (Register 15, SelfCTL, Bit
E) is set. To configure it for host control, the HC0E
bit must be set. Table 9 summarizes this operation.
3.8.0.3 BSTATUS or HC1
BSTATUS or HC1 can be controlled by either the
CS8900A or the host. When controlled by the
CS8900A, BSTATUS is low whenever the host
reads the RxEvent register (PacketPage base +
0124h), signaling the transfer of a receive frame
across the ISA bus. To configure this pin for
CS8900A control, the HC1E bit (Register 15, Self-
CTL, Bit D) must be clear. When controlled by the
host, BSTATUS is low whenever the HCB1 bit
(Register 15, SelfCTL, Bit F) is set. To configure it
for host control, HC1E must be set. Table 10 sum-
marizes this operation.
3.8.1 LED Connection
Each LED output is capable of sinking 10 mA to
drive an LED directly through a series resistor. The
output voltage of each pin is less than 0.4 V when
the pin is low. Figure 7 shows a typical LED cir-
cuit.
3.9 Media Access Control
3.9.1 Overview
The CS8900A’s Ethernet Media Access Control
(MAC) engine is fully compliant with the IEEE
802.3 Ethernet standard (ISO/IEC 8802-3, 1993). It
handles all aspects of Ethernet frame transmission
and reception, including: collision detection, pre-
amble generation and detection, and CRC genera-
HC0E
(Bit C)
HCB0
(Bit E)
Pin Function
0N/A
Pin configured as LINKLED: Output is
low when valid 10BASE-T link pulses
are detected. Output is high if valid link
pulses are not detected
10
Pin configured as HC0:
Output is high
11
Pin configured as HC0:
Output is low
Table 9. LINKLED/HC0 Pin Operation
HC1E
(Bit D)
HCB1
(Bit F)
Pin Function
0N/A
Pin configured as BSTATUS: Output is
low when a receive frame begins trans-
fer across the ISA bus. Output is high
otherwise
10
Pin configured as HC1:
Output is high
11
Pin configured as HC1:
Output is low
Table 10. BSTATUS/HCI Pin Operation
+5V
LANLED
LINKLED
Figure 7. LED Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com