Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8900A Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 47Page - Cirrus Logic CS8900A Datasheet HTML 48Page - Cirrus Logic CS8900A Datasheet HTML 49Page - Cirrus Logic CS8900A Datasheet HTML 50Page - Cirrus Logic CS8900A Datasheet HTML 51Page - Cirrus Logic CS8900A Datasheet HTML 52Page - Cirrus Logic CS8900A Datasheet HTML 53Page - Cirrus Logic CS8900A Datasheet HTML 54Page - Cirrus Logic CS8900A Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
DS271PP3
51
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
Status and Event Bits
Register
F
E
D
C
B
A
9
876
Number
(Offset)
Name
Interrupt Status Queue
0
(0120h)
ISQ
Reserved (register contents undefined)
2
Extra
data
Runt
CRC
error
Broad-
cast
Individ-
ual Adr
Hashed
RxOK
Dribble
bits
IAHash
4
(0124h)
Rx
Event
Hash Table Index (alternate RxEvent meaning if
Hashed = 1 and RxOK = 1)
Hashed
RxOK
Dribble
bits
IAHash
4
(0124h)
Rx
Eventalt
Reserved (register contents undefined)
6
16coll
Number-of-Tx-collisions
Jabber
Out-of-
Window
TxOK
SQE
error
Loss-of-
CRS
8
(0128h)
TxEvent
Reserved (register contents undefined)
A
Rx
Dest
Rx128
RxMiss TxUnder-
run
Rdy4Tx RxDMA
Frame
SWint
C
(012Ch)
Buf
Event
Reserved (register contents undefined)
E
10-bit Receive Miss (RxMISS) counter, cleared when read
10
(0130h)
RxMISS
10-bit Transmit Collision (TxCOL) counter, cleared when read
12
(0132h)
TxCOL
CRS
Polarity
OK
10BT
AUI
LinkOK
14
(0134h)
LineST
EESize
EL
present
EEPRO
M OK
EEPRO
Mpresent
SIBUSY
INITD
3.3 V
Active
16
(0136h)
SelfST
Rdy4Tx
NOW
TxBid
Err
18
(0138h)
BusST
Reserved (register contents undefined)
1A
10-bit AUI Time Domain Reflectometer (TDR) counter, cleared when read
1C
(013Ch)
TDR
Reserved (register contents undefined)
1E
Table 15. Status and Control Register Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com