Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8900A Datasheet(PDF) 97 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 97 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 93Page - Cirrus Logic CS8900A Datasheet HTML 94Page - Cirrus Logic CS8900A Datasheet HTML 95Page - Cirrus Logic CS8900A Datasheet HTML 96Page - Cirrus Logic CS8900A Datasheet HTML 97Page - Cirrus Logic CS8900A Datasheet HTML 98Page - Cirrus Logic CS8900A Datasheet HTML 99Page - Cirrus Logic CS8900A Datasheet HTML 100Page - Cirrus Logic CS8900A Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
DS271PP3
97
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
Fram
e 1
Fram
e 2
Frame 3 starts to be received and passes the DA filter.
This activates Auto-Switch DMA.
Fram
e 3
Frame 1 is placed in host memory via DMA freeing
space for the incoming Frame 3. The CS8900A updates
the DMA Frame Count, DMA Start of Frame and DMA
Byte Count registers. It then sets the RxDMA DMAFrame
bit and generates an interrupt.
Frame 2 is placed in host memory via DMA and the
CS8900A updates the DMA registers.
The host responds to the RxDMAFrame interrupt, and
reads the Frame Count register, which is cleared when
read. Since there are no receive interrupts pending, the
CS8900A exits DMA (assumes Frame 3 is still coming in).
Receive DMA used
during this time.
At this point, the CS8900A does not have sufficient buffer
space for another complete large frame (1518 bytes).
Frame 1 received and completely stored in on-chip RAM.
Frame 2 received and completely stored in on-chip RAM.
Enter Example Here
Exit Example
Time
Frame 3 is completely buffered in on-chip RAM, and
awaits processing by the host.
Entering this example, the receive buffer is empty and the
DMA Frame Count (PacketPage base + 0028h) is zero.
Figure 27. Example of Auto-Switch DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com