Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64113-PVC Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 37Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 38Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 39Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 41Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 41 of 48
21.0
Absolute Maximum Ratings
Storage Temperature ..........................................................................................................................................–65°C to +150°C
Ambient Temperature with Power Applied .................................................................................................................0°C to +70°C
Supply voltage on VCC relative to VSS.................................................................................................................... –0.5V to +7.0V
DC Input Voltage........................................................................................................................................... –0.5V to +VCC+0.5V
DC Voltage Applied to Outputs in High Z State ............................................................................................ –0.5V to +VCC+0.5V
Power Dissipation ..............................................................................................................................................................500 mW
Static Discharge Voltage ................................................................................................................................................... >2000V
Latch-up Current ............................................................................................................................................................ >200 mA
Max Output Sink Current into Port 0, 1, 2, 3, and DAC[1:0] Pins ...................................................................................... 60 mA
Max Output Sink Current into DAC[7:2] Pins ...................................................................................................................... 10 mA
22.0
Electrical Characteristics
fOSC = 6 MHz; Operating Temperature = 0 to 70°C, VCC = 4.0V to 5.25V
Parameter
Conditions
Min.
Max.
Unit
General
VREF
Reference Voltage
3.3V ±5%
3.15
3.45
V
Vpp
Programming Voltage (disabled)
–0.4
0.4
V
I
CC
VCC Operating Current
No GPIO source current
50
mA
I
SB1
Supply Current—Suspend Mode
50
µA
Iref
VREF Operating Current
Note 5
30
mA
Iil
Input Leakage Current
Any pin
1
µA
USB Interface
Vdi
Differential Input Sensitivity
| (D+)–(D–) |
0.2
V
Vcm
Differential Input Common Mode Range
0.8
2.5
V
Vse
Single Ended Receiver Threshold
0.8
2.0
V
Cin
Transceiver Capacitance
20
pF
Ilo
Hi-Z State Data Line Leakage
0 V < Vin < 3.3 V
–10
10
µA
Rext
External USB Series Resistor
In series with each USB pin
19
21
Ω
RUUP
External Upstream USB Pull-up Resistor 1.5 k
Ω ±5%, D+ to V
REG
1.425
1.575
k
Ω
Power On Reset
tvccs
VCC Ramp Rate
Linear ramp 0V to VCC
[4]
0100
ms
USB Upstream
VUOH
Static Output High
15 k
Ω ±5% to Gnd
2.8
3.6
V
VUOL
Static Output Low
1.5 k
Ω ±5% to V
REF
0.3
V
ZO
USB Driver Output Impedance
Including Rext Resistor
28
44
Ω
General Purpose I/O (GPIO)
Rup
Pull-up Resistance (typical 14 k
Ω)
8.0
24.0
k
Ω
VITH
Input Threshold Voltage
All ports, LOW to HIGH edge
20%
40%
VCC
VH
Input Hysteresis Voltage
All ports, HIGH to LOW edge
2%
8%
VCC
VOL
Port 0,1,2,3 Output Low Voltage
IOL = 3 mA
IOL = 8 mA
0.4
2.0
V
V
VOH
Output High Voltage
IOH = 1.9 mA (all ports 0,1,2,3)
2.4
V
Notes:
4.
Power-on Reset occurs whenever the voltage on VCC is below approximately 2.5V.
5.
This is based on transitions every 2 full-speed bit times on average.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com