Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64113-PVC Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 16Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 17Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 18Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 19Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 20Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 21Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 22Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 23Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 20 of 48
10.0
DAC Port
The CY7C64113 features a Digital to Analog Conversion (DAC) port which has programmable current sink on each I/O pin. Writing
a ‘1’ to a DAC I/O pin disables the output current sink (Isink DAC) and drives the I/O pin HIGH through an integrated 14-k
Ω
resistor. When a ‘0’ is written to a DAC I/O pin, the Isink DAC is enabled and the pull-up resistor is disabled. This causes the Isink
DAC to sink current to drive the output LOW. The amount of sink current for the DAC I/O pin is programmable over 16 values
based on the contents of the DAC Isink Register for that output pin. DAC[1:0] are high-current outputs that are programmable
from 3.2 mA to 16 mA (typical). DAC[7:2] are low-current outputs, programmable from 0.2 mA to 1.0 mA (typical).
When the suspend bit in Processor Status and Control Register (0xFF) is set, the Isink DAC block of the DAC circuitry is disabled.
Special care should be taken when the CY7C64x13 device is placed in the suspend mode. The DAC Port Data Register(0x30)
should normally be loaded with all ‘1’s (0xFF) before setting the suspend bit. If any of the DAC bits are set to ‘0’ when the device
is suspended, that DAC input will float. The floating pin could result in excessive current consumption by the device, unless an
external load places the pin in a deterministic state.
When a DAC I/O bit is written as a ‘1’, the I/O pin is an output pulled HIGH through the 14-k
Ω resistor or an input with an internal
14-k
Ω pull-up resistor. All DAC port data bits are set to ‘1’ during reset.
10.1
DAC Isink Registers
Each DAC I/O pin has an associated DAC Isink register to program the output sink current when the output is driven LOW. The
first Isink register (0x38) controls the current for DAC[0], the second (0x39) for DAC[1], and so on until the Isink register at 0x3F
controls the current to DAC[7]. Writing all ‘0’s to the Isink register causes 1/5 of the max. current to flow through the DAC I/O pin.
Writing all ‘1’s to the Isink register provides the maximum current flow through the pin. The other 14 states of the DAC sink current
are evenly spaced between these two values.
Figure 10-1. Block Diagram of a DAC Pin
Low current outputs
0.2 mA to 1.0 mA typical
High current outputs
3.2 mA to 16 mA typical
7
6
5
4
3
2
1
0
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
Figure 10-2. DAC Port Data 0x30 (read/write)
Isink Value
7
6
5
4
3
2
1
0
reserved
reserved
reserved
reserved
Isink[3]
Isink[2]
Isink[1]
Isink[0]
Figure 10-3. DAC Port Isink 0x38 to 0x3F (write only)
VCC
14 k
Ω
Data
Out
Latch
Internal
Data Bus
DAC Read
DAC Write
Interrupt
Enable
to Interrupt
Controller
Q1
Internal
Buffer
Interrupt
Polarity
Isink
DAC
Isink
Register
4 bits
DAC
I/O Pin
Suspend
(Bit 3 of Register 0xFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com