Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64113-PVC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 4Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 5Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 6Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 7Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 9Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 10Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 11Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 8 of 48
3.0
Pin Configurations
1
2
3
4
5
6
7
9
11
12
13
14
15
16
18
17
XTALIN
10
8
19
20
31
30
29
33
32
35
34
37
36
39
38
41
40
43
42
45
44
46
48
47
21
22
23
24
25
27
26
28
VCC
P1[1]
P1[0]
P1[2]
P1[4]
P1[6]
P3[0]
P3[2]
VREF
P1[3]
P1[5]
P1[7]
P3[1]
D+[0]
D–[0]
P3[3]
GND
P3[5]
P3[7]
P2[1]
P2[3]
GND
P2[5]
P2[7]
DAC[7]
P0[7]
P0[5]
P0[3]
P0[1]
DAC[1]
XTALOUT
GND
P3[4]
NC
P3[6]
P2[0]
P2[2]
GND
P2[4]
P2[6]
DAC[0]
VPP
P0[0]
P0[2]
P0[4]
P0[6]
DAC[2]
CY7C64113
48-pin SSOP
CY7C64013
1
2
3
4
5
6
7
9
11
12
13
14
XTALIN
10
8
15
17
16
19
18
21
20
23
22
25
24
26
28
27
VCC
P1[1]
P1[0]
P1[2]
P3[0]
P3[2]
GND
P2[2]
VREF
GND
P3[1]
D+[0]
D–[0]
P2[3]
P2[5]
P0[7]
P0[5]
P0[3]
P0[1]
P0[6]
XTALOUT
P2[4]
P2[6]
VPP
P0[0]
P0[2]
P0[4]
28-pin SOIC
CY7C64013
28-pin PDIP
TOP VIEW
1
2
3
4
5
6
7
9
11
12
13
14
XTALIN
10
8
15
17
16
19
18
21
20
23
22
25
24
26
28
27
VCC
P1[0]
P1[2]
P3[0]
P3[2]
P2[2]
GND
P2[4]
VREF
P1[1]
GND
P3[1]
D+[0]
D–[0]
P2[3]
P2[5]
P0[7]
P0[5]
P0[3]
P0[1]
XTALOUT
P2[6]
VPP
P0[0]
P0[2]
P0[4]
P0[6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com