Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64113-PVC Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 36Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 37Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 38Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 35 of 48
Figure 18-5. Token/Data Packet Flow Diagram
1. IN Token
H
O
S
T
D
E
V
I
C
E
Token Packet
S
Y
N
C
I
N
A
D
D
R
E
N
D
P
C
R
C
5
Data Packet
S
Y
N
C
D
A
T
A
1
C
R
C
1
6
data
H/S Pkt
Token Packet
S
Y
N
C
I
N
A
D
D
R
E
N
D
P
C
R
C
5
S
Y
N
C
A
C
K
H/SPkt
S
Y
N
C
NAK/
STALL
update
2. OUT or SETUP Token without CRC error
Token Packet
S
Y
N
C
O
U
T
A
D
D
R
E
N
D
P
C
R
C
5
Data Packet
S
Y
N
C
D
A
T
A
1
C
R
C
1
6
data
Set
up
H/S Pkt
S
Y
N
C
ACK,
NAK,
STALL
3. OUT or SETUP Token with CRC error
Token Packet
S
Y
N
C
O
U
T
A
D
D
R
E
N
D
P
C
R
C
5
Set
up
Data Packet
S
Y
N
C
D
A
T
A
1
C
R
C
1
6
data
update only if FIFO is
Written (see Table 20-3)
update
a)
b)
update
Setup
update only if FIFO is
Written (see Table 19-3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com