Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64113-PVC Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 41Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 48Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 44 of 48
Figure 23-1. Clock Timing
Figure 23-2. USB Data Signal Timing
Figure 23-3. HAPI Read by External Interface from USB Microcontroller
CLOCK
tCYC
tCL
tCH
90%
10%
90%
10%
D
−
D
+
tr
tr
OE (P2.5, input)
DATA (output)
STB (P2.4, input)
DReadyPin (P2.3, output)
Internal Write
Internal Addr
Port0
D[23:0]
tOED
tOEZ
tRD
tOEDR
CS (P2.6, input)
Int
(Shown for DRDY Polarity=0)
Interrupt Generated
(Ready)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com