Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64113-PVC Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # CY7C64113-PVC
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113-PVC Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button CY7C64113-PVC Datasheet HTML 39Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 41Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C64113-PVC Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 43 of 48
Notes:
9.
Per Table 7-6 of revision 1.1 of USB specification.
10. For 25-pF load.
11. Assumes chip select CS is asserted (LOW).
23.0
Switching Characteristics (fOSC = 6.0 MHz)
Parameter
Description
Min.
Max.
Unit
Clock Source
fOSC
Clock Rate
6 ±0.25%
MHz
tcyc
Clock Period
166.25
167.08
ns
tCH
Clock HIGH time
0.45 tCYC
ns
tCL
Clock LOW time
0.45 tCYC
ns
USB Full Speed Signaling[9]
trfs
Transition Rise Time
4
20
ns
tffs
Transition Fall Time
4
20
ns
trfmfs
Rise / Fall Time Matching; (tr/tf)
90
111
%
tdratefs
Full Speed Date Rate
12 ±0.25%
Mb/s
DAC Interface
tsink
Current Sink Response Time
0.8
µs
HAPI Read Cycle Timing
tRD
Read Pulse Width
15
ns
tOED
OE LOW to Data Valid[10, 11]
40
ns
tOEZ
OE HIGH to Data High-Z[11]
20
ns
tOEDR
OE LOW to Data_Ready Deasserted[10, 11]
0
60
ns
HAPI Write Cycle Timing
tWR
Write Strobe Width
15
ns
tDSTB
Data Valid to STB HIGH (Data Set-up Time)[11]
5
ns
tSTBZ
STB HIGH to Data High-Z (Data Hold Time)[11]
15
ns
tSTBLE
STB LOW to Latch_Empty Deasserted[10, 11]
0
50
ns
Timer Signals
twatch
Watch Dog Timer Period
8.192
14.336
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com