Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83907 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 27Page - National Semiconductor (TI) DP83907 Datasheet HTML 28Page - National Semiconductor (TI) DP83907 Datasheet HTML 29Page - National Semiconductor (TI) DP83907 Datasheet HTML 30Page - National Semiconductor (TI) DP83907 Datasheet HTML 31Page - National Semiconductor (TI) DP83907 Datasheet HTML 32Page - National Semiconductor (TI) DP83907 Datasheet HTML 33Page - National Semiconductor (TI) DP83907 Datasheet HTML 34Page - National Semiconductor (TI) DP83907 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
50 Register Descriptions (Continued)
INTERRUPT STATUS REGISTER (ISR)
07H (READWRITE)
This register is accessed by the host processor to determine the cause of an interrupt Any interrupt can be masked in the
Interrupt Mask Register (IMR) Individual interrupt bits are cleared by writing a ‘‘1’’ into the corresponding bit of the ISR The
valid interrupt output is active as long as any unmasked signal is set and will not go low until all unmasked bits in this register
have been cleared The ISR must be cleared after power up by writing it with all 1’s
76
5
4
3
2
1
0
RST
RDC
CNT
OVW
TXE
RXE
PTX
PRX
Bit
Symbol
Description
D0
PRX
PACKET RECEIVED
Indicates packet received with no errors
D1
PTX
PACKET TRANSMITTED
Indicates packet transmitted with no errors
D2
RXE
RECEIVE ERROR
Indicates that a packet was received with one or more of the following errors
CRC Error
Frame Alignment Error
FIFO Overrun
Missed Packet
D3
TXE
TRANSMIT ERROR
Set when packet transmitted with one or more of the following errors
Excessive Collisions
FIFO Underrun
D4
OVW
OVERWRITE WARNING
Set when receive buffer ring storage resources have been exhausted (Local
DMA has reached Boundary Pointer)
D5
CNT
COUNTER OVERFLOW
Set when MSB of one or more of the Network Tally Counters has been set
D6
RDC
REMOTE DMA COMPLETE
Set when Remote DMA operation has been completed
D7
RST
RESET STATUS
Set when DP83907 enters reset state and cleared when a Start Command is issued to
the CR This bit is also set when a Receive Buffer Ring overflow occurs and is cleared when one or more
packets have been removed from the ring Writing to this bit has no effect
Note
This bit does not generate an interrupt it is merely a status indicator
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com