Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83907 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 31Page - National Semiconductor (TI) DP83907 Datasheet HTML 32Page - National Semiconductor (TI) DP83907 Datasheet HTML 33Page - National Semiconductor (TI) DP83907 Datasheet HTML 34Page - National Semiconductor (TI) DP83907 Datasheet HTML 35Page - National Semiconductor (TI) DP83907 Datasheet HTML 36Page - National Semiconductor (TI) DP83907 Datasheet HTML 37Page - National Semiconductor (TI) DP83907 Datasheet HTML 38Page - National Semiconductor (TI) DP83907 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
50 Register Descriptions (Continued)
TRANSMIT STATUS REGISTER (TSR)
04H (READ)
This register records events that occur on the media during transmission of a packet It is cleared when the next transmission is
initiated by the host All bits remain low unless the event that corresponds to a particular bit occurs during transmission Each
transmission should be followed by a read of this register The contents of this register are not specified until after the first
transmission
76
5
4
3
2
1
0
OWC
CDH
FU
CRS
ABT
COL
PTX
Bit
Symbol
Description
D0
PTX
PACKET TRANSMITTED
Indicates transmission without error (No excessive collisions or FIFO underrun)
(ABT e ‘‘0’’
FU e ‘‘0’’)
D1
Reserved
Reserved
D2
COL
TRANSMIT COLLIDED
Indicates that the transmission collided at least once with another station on the
network The number of collisions is recorded in the Number of Collisions Registers (NCR)
D3
ABT
TRANSMIT ABORTED
Indicates the DP83907 aborted transmission because of excessive collisions (Total
number of transmissions including original transmission attempt equals 16)
D4
CRS
CARRIER SENSE LOST
This bit is set when carrier is lost during transmission of the packet Transmission is not
aborted on loss of carrier
D5
FU
FIFO UNDERRUN
If the DP83907 cannot gain access of the bus before the FIFO empties this bit is set
Transmission of the packet will be aborted
D6
CDH
CD HEARTBEAT
Failure of the transceiver to transmit a collision signal after transmission of a packet will set
this bit The Collision Detect (CD) heartbeat signal must commence during the first 64 ms of the Interframe Gap
following a transmission In certain collisions the CD Heartbeat bit will be set even though the transceiver is not
performing the CD heartbeat test
D7
OWC
OUT OF WINDOW COLLISION
Indicates that a collision occurred after a slot time (512 ms) Transmissions
rescheduled as in normal collisions
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com