Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83907 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 56Page - National Semiconductor (TI) DP83907 Datasheet HTML 57Page - National Semiconductor (TI) DP83907 Datasheet HTML 58Page - National Semiconductor (TI) DP83907 Datasheet HTML 59Page - National Semiconductor (TI) DP83907 Datasheet HTML 60Page - National Semiconductor (TI) DP83907 Datasheet HTML 61Page - National Semiconductor (TI) DP83907 Datasheet HTML 62Page - National Semiconductor (TI) DP83907 Datasheet HTML 63Page - National Semiconductor (TI) DP83907 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
DP83907 Preliminary Specification Design Guide
This document provides information on National Semiconductor’s DP83907 target design parametric specifications These
specifications are provided as design targets for the DP83907 These parameters should be used to undergo systems design
activities and are not provided as guaranteed parametric specifications At this time these specifications are not tested and are
subject to change based upon National’s product characterization and yield analysis
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
Storage Temperature (TSTG)
b
65 Cto a150 C
Package Power Dissipation (PD)
900 mW
Lead Temperature (TL)
260 C
(Soldering 10 seconds)
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
475
525
V
Operating Temperature (TA)0
a
70
C
ESD Tolerance
20
kV
CZAP e 100 pF RZAP e 15 kX
Preliminary DC Specifications
Symbol
Description
Conditions
Min
Max
Units
SUPPLY CURRENT
ICC
Average Active (Transmitting and Receiving)
X1 e 20 MHz Clock
150
mA
Supply Current
VIN e Switching
ICCIDLE
Average Idle Supply Current
X1 e 20 MHz Clock
120
mA
VIN e VCC or GND
TTL INPUTS
VIL
Maximum Low Level Input Voltage
08
V
VIH
Minimum High Level Input Voltage
20
V
IIN
Input Current
VI e VCC or GND
b
10
a
10
m
A
3ST TRI-STATE HIGH DRIVE IO
VOH
Minimum High Level Output Voltage
IOH eb3 mA
24
V
VOL
Maximum Low Level Output Voltage
IOL e 24 mA
05
V
VIL
Maximum Low Level Input Voltage
08
V
VIH
Minimum High Level Input Voltage
20
V
IIN
Input Current
VI e VCC or GND
b
10
a
10
m
A
IOZ
Maximum TRI-STATE Output Leakage Current
VOUT e VCC or GND
b
10
a
10
m
A
MOS INPUTS OUTPUTS AND IO
VOH
Minimum High Level Output Voltage
IOH eb20 mAVCC b 01
V
VOL
Maximum Low Level Output Voltage
IOL e 20 mA
01
V
VIL
Maximum Low Level Input Voltage
08
V
VIH
Minimum High Level Input Voltage
20
V
IIN
Input Current
VI e VCC or GND
b
10
a
10
m
A
IIN1
Input Current MSA9 – 13 MSD0 – 2
VI e VCC or GND
b
10
a
10
m
A
IIN2
Input Current MSD3 – 15 MSA1 – 8
VI e VCC or GND
b
10
a
10
m
A
RESET e Active
IOZ
Maximum TRI-STATE Output Leakage Current
VOUT e VCC or GND
b
10
a
10
m
A
OCH OPEN COLLECTOR HIGH DRIVE OUTPUT
VOL
Maximum Low Level Output Voltage
IOL e 24 mA
05
V
LED DRIVER OUTPUT
VOL
Maximum Low Level Output Voltage
IOL e 16 mA
05
V
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com