| Electronic Components Datasheet Search |
|
DP83907 Datasheet(PDF) 45 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83907 Datasheet(HTML) 45 Page - National Semiconductor (TI) |
|
45 / 70 page ![]() 60 Operation of DP83907 (Continued) TLF12082 – 28 FIGURE 33 Received Packet Aborted if it Hits Boundary Enabling the DP83907 on an Active Network After the DP83907 has been initialized the procedure for disabling and then re-enabling the DP83907 on the network is similar to handling Receive Buffer Ring overflow as de- scribed previously 1) Program Command Register for page 0 (Command Register e 21H) 2) lnitialize Data Configuration Register (DCR) 3) Clear Remote Byte Count Registers (RBCR0 RBCR1) if using Remote DMA 4) lnitialize Receive Configuration Register (RCR) 5) Place the DP83907 in LOOPBACK mode 1 or 2 (Trans- mit Configuration Register e 02H or 04H) 6) Initialize Receive Buffer Ring Boundary Pointer (BNDRY) Page Start (PSTART) and Page Stop (PSTOP) 7) CIear Interrupt Status Register (ISR) by writing OFFH to it 8) lnitialize Interrupt Mask Register (IMR) 9) Program Command Register for page 1 (Command Register e 61H) i) Initialize Physical Address Registers (PAR0 – PAR5) ii) Initialize Multicast Address Registers (MAR0 – MAR7) iii) Initialize CURRENT pointer 10) Put DP83907 in START mode (Command Register e 22H) The local receive DMA is still not active since the DP83907 is in LOOPBACK 11) Initialize the Transmit Configuration for the intended value The DP83907 is now ready for transmission and reception End of Packet Operations At the end of the packet the DP83907 determines whether the received packet is to be accepted or rejected It either branches to a routine to store the Buffer Header or to anoth- er routine that recovers the buffers used to store the packet TLF12082 – 29 FIGURE 34 Termination of Received Packet-Packet Accepted Successful Reception If the packet is successfully received the DMA is restored to the first buffer used to store the packet (pointed to by the Current Page Register) The DMA then stores the Receive Status a Pointer to where the next packet will be stored (Buffer 4) and the number of received bytes Note that the remaining bytes in the last buffer are discarded and recep- tion of the next packet begins on the next empty 256-byte buffer boundary The Current Page Register is then initial- ized to the next available buffer in the Buffer Ring (The location of the next buffer had been previously calculated and temporarily stored in an internal scratchpad register) Buffer Recovery for Rejected Packets If the packet is a runt packet or contains CRC or Frame Alignment errors it is rejected The buffer management log- ic resets the DMA back to the first buffer page used to store the packet (pointed to by CURR) recovering all buffers that had been used to store the rejected packet This operation will not be performed if the DP83907 is programmed to ac- cept either runt packets or packets with CRC or Frame Alignment errors The received CRC is always stored in buffer memory after the last byte of received data for the packet TLF12082 – 30 FIGURE 35 Termination of Receive Packet-Packet Reject 45 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |