| Electronic Components Datasheet Search |
|
DP83907 Datasheet(PDF) 44 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83907 Datasheet(HTML) 44 Page - National Semiconductor (TI) |
|
44 / 70 page ![]() 60 Operation of DP83907 (Continued) 4) Clear the DP83907’s Remote Byte Count registers (RBCR0 and RBCR1) 5) Read the stored value of the TXP bit from step 1 above If this value is a 0 set the ‘‘Resend’’ variable toa0and jump to step 6 If this value is a 1 read the DP83907’s Interrupt Status Register If either the Packet Transmitted bit (PTX) or Transmit Error bit (TXE) is set to a 1 set the ‘‘Resend’’ variable to a 0 and jump to step 6 If neither of these bits is set placea1inthe ‘‘Resend’’ variable and jump to step 6 This step determines if there was a transmission in progress when the stop command was issued in step 2 If there was a transmission in progress the DP83907’s ISR is read to determine whether or not the packet was recognized by the DP83907 If neither the PTX nor TXE bit was set then the packet will essentially be lost and retransmitted only after a time-out takes place in the upper level software By determining that the packet was lost at the driver level a transmit command can be reissued to the DP83907 once the overflow routine is completed (as in step 11) Also it is possible for the DP83907 to defer indefinitely when it is stopped on a busy network Step 5 also alleviates this problem Step 5 is essential and should not be omitted from the over- flow routine in order for the DP83907 to operate cor- rectly 6) Place the DP83907 in either mode 1 or mode 2 loop- back This can be accomplished by setting bits D2 and D1 of the Transmit Configuration Register to ‘‘01’’ or ‘‘10’’ respectively 7) Issue the START command to the DP83907 This can be accomplished by writing 22H to the Command Reg- ister This is necessary to activate the DP83907’s Re- mote DMA channel 8) Remove one or more packets from the receive buffer ring 9) Reset the overwrite warning (OVW overflow) bit in the Interrupt Status Register 10) Take the DP83907 out of loopback This is done by writing the Transmit Configuration Register with the val- ue it contains during normal operation (Bits D2 and D1 should both be programmed to 0) 11) If the ‘‘Resend’’ variable is set to a 1 reset the ‘‘Re- send’’ variable and reissue the transmit command This is done by writing a value of 26H to the Command Reg- ister If the ‘‘Resend’’ variable is 0 nothing needs to be done Note 1 If Remote DMA is not being used the DP83907 does not need to be started before packets can be removed from the receive buffer ring Hence step 8 could be done before step 7 eliminating or reducing the time spent polling in step 5 Note 2 When the DP83907 is in ST0P mode the Missed Packet Tally counter is disabled TLF12082 – 27 FIGURE 32 Overflow Routine 44 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |