Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83907 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 51Page - National Semiconductor (TI) DP83907 Datasheet HTML 52Page - National Semiconductor (TI) DP83907 Datasheet HTML 53Page - National Semiconductor (TI) DP83907 Datasheet HTML 54Page - National Semiconductor (TI) DP83907 Datasheet HTML 55Page - National Semiconductor (TI) DP83907 Datasheet HTML 56Page - National Semiconductor (TI) DP83907 Datasheet HTML 57Page - National Semiconductor (TI) DP83907 Datasheet HTML 58Page - National Semiconductor (TI) DP83907 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
60 Operation of DP83907 (Continued)
16-Bit IO Slave Read
TLF12082 – 38
This is the type of cycle used to read from a data transfer port in 16-bit mode These accesses are entirely asynchronous with
the DP83907 responding when it decodes the correct address on SA0 – 9 and an IORD If AEN is high the cycle will be ignored
CHRDY is deasserted if the DP83907 is not ready to respond and asserted when ready If it is ready immediately CHRDY is not
deasserted IO16 is generated when an address within the DP83907’s data transfer port is decoded to indicate to the system
that this is a 16-bit transfer If the IO16CON bit in Configuration Register B is low then it will be a straight decode of the SA0 – 9
lines If that bit is high the IO16 output will be generated after IORD goes active to indicate that this is a 16-bit transfer and the
address should be even SA0 low The data will appear on SD0 – 15
16-Bit IO Slave Write
TLF12082 – 39
This is the type of cycle used to write to a data transfer port in 16-bit mode These accesses are entirely asynchronous with the
DP83907 responding when it decodes the correct address on SA0 – 9 and an IOWR If AEN is high the cycle will be ignored
CHRDY is deasserted if the DP83907 is not ready to respond and asserted when ready If it is ready immediately CHRDY is not
deasserted IO16 is generated when an address within the DP83907’s data transfer port is decoded to indicate to the system
that this is a 16-bit transfer If the IO16CON bit in Configuration Register B is low then it will be a straight decode of the SA0 – 9
lines If that bit is high the IO16 output will be generated after IOWR goes active to indicate that this is a 16-bit transfer and the
address should be even SA0 low The data will be taken from SD0 – 15
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com