Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16373MGQLREP Datasheet(PDF) 4 Page - Texas Instruments

Part # CLVTH16373MGQLREP
Description  SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16373MGQLREP Datasheet(HTML) 4 Page - Texas Instruments

  CLVTH16373MGQLREP Datasheet HTML 1Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 2Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 3Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 4Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 5Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 6Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 7Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 8Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
SN74LVTH16373-EP
SCBS778B – NOVEMBER 2003 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74LVTH16373-EP
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
"n" denotes numbering (1 to 8) for data input and output pins.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1Dn(1)
37, 38, 49, 41, 43, 44, 46, 47
I
Data input pins
1LE
48
I
Latch enable pin to control 1Qn output states
1OE
1
I
Active low enable pin for 1Qn pins
1Qn(1)
2, 3, 5, 6, 8, 9, 11, 12
O
Output pins
2Dn(1)
26, 27, 29, 30, 32, 33, 35, 36
I
Data input pins
2LE
25
I
Latch enable pin to control 2Qn output states
2Qn(1)
13, 14, 16, 17, 19, 20, 22, 23
O
Output pins
2OE
24
I
Active low enable pin for 2Qn pins
GND
4, 10, 15, 21, 28, 34, 39, 45
—
Ground
VCC
7, 18, 31, 42
I
Power supply input for internal circuits
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This current flows only when the output is in the high state and VO > VCC.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.6
V
VI
Input voltage(2)
–0.5
7
V
VO
Voltage applied to any output in the high-impedance or power-off state(2)
–0.5
7
V
VO
Voltage applied to any output in the high state(2)
–0.5
VCC + 0.5 V
V
IO
Current into any output in the low state
128
mA
IO
Current into any output in the high state(3)
64
mA
IIK
Input clamp current (VI < 0)
–50
mA
IOK
Output clamp current (VO < 0)
–50
mA
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per A114-A
±4000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(1)
±3000
V
Machine model (MM), per A115-A
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com