Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16373MGQLREP Datasheet(PDF) 6 Page - Texas Instruments

Part # CLVTH16373MGQLREP
Description  SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16373MGQLREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CLVTH16373MGQLREP Datasheet HTML 2Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 3Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 4Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 5Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 6Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 7Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 8Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 9Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
SN74LVTH16373-EP
SCBS778B – NOVEMBER 2003 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74LVTH16373-EP
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(2)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted); all typical values are at VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
V
VOH
VCC = 2.7 V to 3.6 V,
IOH = –100 µA
VCC – 0.2
V
VCC = 2.7 V,
IOH = –8 mA
2.4
V
VCC = 3 V,
IOH = –32 mA
2
V
VOL
VCC = 2.7 V
IOL = 100 µA
0.2
V
IOL = 24 mA
0.5
V
VCC = 3 V,
IOL = 16 mA
0.4
V
IOL = 32 mA
0.5
V
IOL = 64 mA
0.55
V
II
VCC = 0 or 3.6 V,
VI = 5.5 V
10
µA
Control inputs VCC = 3.6 V,
VI = VCC or GND
±1
µA
Data inputs
VCC = 3.6 V
VI = VCC
1
µA
VI = 0
–5
µA
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
II(hold)
Data inputs
VCC = 3 V
VI = 0.8 V
75
µA
VI = 2 V
–75
µA
VCC = 3.6 V
(1),
VI = 0 to 3.6 V
±650
µA
IOZH
VCC = 3.6 V,
VO = 3 V
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–5
µA
IOZPU
VCC = 0 to 1.5 V, VO = 0.5 to 3 V, OE = don’t care
±100
µA
IOZPD
VCC = 1.5 V to 0, VO = 0.5 to 3 V, OE = don’t care
±100
µA
ICC
VCC = 3.6 V, IO = 0, VI = VCC
or GND
Outputs high
0.19
mA
Outputs low
5
mA
Outputs disabled
0.19
mA
∆ICC
(2)
VCC = 3 to 3.6 V, One input at VCC − 0.6 V, Other inputs
at VCC or GND
0.2
mA
Ci
VI = 3 V or 0
3
pF
Co
VO = 3 V or 0
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com