Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16373MGQLREP Datasheet(PDF) 13 Page - Texas Instruments

Part # CLVTH16373MGQLREP
Description  SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16373MGQLREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button CLVTH16373MGQLREP Datasheet HTML 9Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 10Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 11Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 12Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 13Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 14Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 15Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 16Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
uC or
System Logic
3.3-V CMOS or TTL
uC,
System Logic,
or LEDs
3.3-V CMOS or TTL
1OE
1LE
1D1
1D8
2OE
2LE
2D1
2D8
1Q1
1Q8
2Q1
2Q8
.
.
.
.
.
.
.
.
.
.
.
.
VCC
3.3 V
3.3 V or 5 V
3.3 V or 5 V
GND
13
SN74LVTH16373-EP
www.ti.com
SCBS778B – NOVEMBER 2003 – REVISED JUNE 2016
Product Folder Links: SN74LVTH16373-EP
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The specially designed 3-V LVTH family uses the 0.8-µ BiCMOS process technology for bus-interface functions.
Like its 5-V ABT counterpart, LVHT provides up to 64 mA of drive, low propagation delays. The bus-hold feature
eliminates requirements for external pullup resistors and I/Os that can handle up to 7 V, which allows them to act
as 5-V/3-V translators.
9.2 Typical Application
Figure 7. Application Diagram
9.2.1 Design Requirements
The SN54LVTH16373 utilizes BiCMOS technology with high-drive currents. Care must be taken to avoid bus
contention that can disrupt system functionality and/or cause violation of absolute maximum ratings.
9.2.2 Detailed Design Procedure
•
Recommended input conditions
–
Rise time and fall time specifications. See Δt/ΔV in Recommended Operating Conditions.
–
Specified high and low levels. See VIH and VIL in Recommended Operating Conditions.
–
Inputs are overvoltage tolerant, which allows them to go as high as 5.5 V independent of VCC.
•
Recommend output conditions
–
Avoid buss contention.
–
Do not exceed IOH and IOL current limits in Recommended Operating Conditions.
–
Outputs that are being driven high may not be pulled above VCC by more they 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com