Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16373MGQLREP Datasheet(PDF) 1 Page - Texas Instruments

Part # CLVTH16373MGQLREP
Description  SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16373MGQLREP Datasheet(HTML) 1 Page - Texas Instruments

  CLVTH16373MGQLREP Datasheet HTML 1Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 2Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 3Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 4Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 5Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 6Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 7Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 8Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1OE
1LE
1D1
To Seven Other Channels
1Q1
1
48
47
2
C1
1D
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVTH16373-EP
SCBS778B – NOVEMBER 2003 – REVISED JUNE 2016
SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
1
1 Features
1
•
Controlled Baseline
–
One Assembly/Test Site, One Fabrication Site
•
Enhanced Diminishing Manufacturing Sources
(DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree (1)
•
Member of the Texas Instruments Widebus™
Family
•
State-of-the-Art Advanced BiCMOS Technology
(ABT) Design for 3.3-V Operation and Low Static-
Power Dissipation
•
Supports Mixed-Mode Signal Operation (5-V Input
and Output Voltages With 3.3-V VCC)
•
Supports Unregulated Battery Operation Down to
2.7 V
•
Typical VOLP (Output Ground Bounce) < 0.8 V at
VCC = 3.3 V, TA = 25°C
•
Ioff and Power-Up Tri-State Support Hot Insertion
•
Bus Hold on Data Inputs Eliminates the Need for
External Pullup/Pulldown Resistors
•
Distributed VCC and GND Pins Minimize High-
Speed Switching Noise
•
Flow-Through Architecture Optimizes PCB Layout
•
Latch-Up Performance Exceeds 500 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
–
4000-V Human Body Model (A114-A)
–
200-V Machine Model (A115-A)
2 Applications
•
Data Buffer
•
Bus Driver
•
Display Driver
3 Description
The SN74LVTH16373 is a 16-bit transparent D-type
latch with tri-state outputs designed for low-voltage
(3.3 V) VCC operation, but with the capability to
provide a TTL interface to a 5-V system environment.
This device is particularly suitable for implementing
buffer registers, I/O ports, bidirectional bus drivers,
and working registers. This device can be used as
two 8-bit latches or one 16-bit latch. When the latch-
enable (LE) input is high, the Q outputs follow the
data (D) inputs. When LE is taken low, the Q outputs
are latched at the levels set up at the D inputs.
Device Information(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVTH16373-EP
TSSOP (48)
12.50 mm × 6.10 mm
SSOP (48)
15.88 mm × 7.49 mm
BGA MICROSTAR
JUNIOR (56)
4.50 mm × 7.00 mm
(1) Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature
cycle,
autoclave
or
unbiased
HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying
use
of
this
component
beyond
specified
performance and environmental limits.
(2) For all available packages, see the orderable addendum at
the end of the data sheet.
SN74LVTH16373-EP Single Channel Block Diagram


Similar Part No. - CLVTH16373MGQLREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVTH16373IDGGREP TI1-CLVTH16373IDGGREP Datasheet
462Kb / 12P
3.30V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
CLVTH16373IDLREP TI1-CLVTH16373IDLREP Datasheet
462Kb / 12P
3.30V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
CLVTH16373IZQLREP TI1-CLVTH16373IZQLREP Datasheet
462Kb / 12P
3.30V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - CLVTH16373MGQLREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH32373 TI-SN74LVTH32373 Datasheet
283Kb / 11P
3.3-V ABT 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH32373-EP TI1-SN74LVTH32373-EP Datasheet
387Kb / 13P
3.3-V ABT 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVTH162373-EP TI1-SN74LVTH162373-EP Datasheet
285Kb / 10P
3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com