Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16373MGQLREP Datasheet(PDF) 8 Page - Texas Instruments

Part # CLVTH16373MGQLREP
Description  SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16373MGQLREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button CLVTH16373MGQLREP Datasheet HTML 4Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 5Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 6Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 7Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 8Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 9Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 10Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 11Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
SN74LVTH16373-EP
SCBS778B – NOVEMBER 2003 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74LVTH16373-EP
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
6.8 Timing Requirements (M Version)
over recommended operating conditions (unless otherwise noted); TA = –55°C to 125°C
MIN
MAX
UNIT
tw
Pulse duration, LE high
VCC = 3.3 V ± 0.3 V
3
ns
VCC = 2.7 V
3
ns
tsu
Setup time, data before LE
↓
VCC = 3.3 V ± 0.3 V
1.6
ns
VCC = 2.7 V
1
ns
th
Hold time, data after LE
↓
VCC = 3.3 V ± 0.3 V
1.4
ns
VCC = 2.7 V
1.5
ns
6.9 Switching Characteristics (M Version)
over recommended operating conditions (unless otherwise noted); TA = –55°C to 125°C; all typical values are at VCC = 3.3 V,
TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
D
Q
VCC = 3.3 V ± 0.3 V
1.5
2.7
5
ns
VCC = 2.7 V
5.5
ns
tPHL
D
Q
VCC = 3.3 V ± 0.3 V
1.5
2.5
4.8
ns
VCC = 2.7 V
5.3
ns
tPLH
LE
Q
VCC = 3.3 V ± 0.3 V
2.1
3
5.4
ns
VCC = 2.7 V
5.9
ns
tPHL
LE
Q
VCC = 3.3 V ± 0.3 V
2.1
2.9
4.9
ns
VCC = 2.7 V
4.9
ns
tPZH
OE
Q
VCC = 3.3 V ± 0.3 V
1.5
2.8
7
ns
VCC = 2.7 V
7.9
ns
tPZL
OE
Q
VCC = 3.3 V ± 0.3 V
1.5
2.8
6.2
ns
VCC = 2.7 V
7.2
ns
tPHZ
OE
Q
VCC = 3.3 V ± 0.3 V
1.8
3.5
7.2
ns
VCC = 2.7 V
7.9
ns
tPLZ
OE
Q
VCC = 3.3 V ± 0.3 V
2
3.2
5.2
ns
VCC = 2.7 V
5.4
ns
tsk(o)
VCC = 3.3 V ± 0.3 V
0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com