Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16373MGQLREP Datasheet(PDF) 14 Page - Texas Instruments

Part # CLVTH16373MGQLREP
Description  SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16373MGQLREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button CLVTH16373MGQLREP Datasheet HTML 10Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 11Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 12Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 13Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 14Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 15Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 16Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 17Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Junction Temperature (°C)
0
0.5
1
1.5
2
2.5
3
3.5
-55
-40
-20
0
25
40
80
100
125
D003
ICC @ Outputs High
ICC @ Outputs Low
ICC @ Outputs Disabled
14
SN74LVTH16373-EP
SCBS778B – NOVEMBER 2003 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74LVTH16373-EP
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curves
Figure 8. ICC vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com