Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVTH16373MGQLREP Datasheet(PDF) 12 Page - Texas Instruments

Part # CLVTH16373MGQLREP
Description  SN74LVTH16373-EP 3.3-V ABT 16-Bit Transparent D-Type Latch With Tri-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVTH16373MGQLREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button CLVTH16373MGQLREP Datasheet HTML 8Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 9Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 10Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 11Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 12Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 13Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 14Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 15Page - Texas Instruments CLVTH16373MGQLREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1OE
1LE
1D1
To Seven Other Channels
1Q1
1
48
47
2
C1
1D
2OE
2LE
2D1
2Q1
To Seven Other Channels
24
25
36
C1
1D
13
12
SN74LVTH16373-EP
SCBS778B – NOVEMBER 2003 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74LVTH16373-EP
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN74LVTH16373 is a 16-bit transparent D-type latch with tri-state outputs designed for low-voltage (3.3-V)
VCC operation, but with the capability to provide a TTL interface to a 5-V system environment. This device is
particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers.
This device can be used as two 8-bit latches or one 16-bit latch. When the latchenable (LE) input is high, the Q
outputs follow the data (D) inputs. When LE is taken low, the Q outputs are latched at the levels set up at the D
inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or
low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the
bus lines significantly. The high impedance state and the increased drive provide the capability to drive bus lines
without interface or pullup components. OE does not affect internal operations of the latch. Old data can be
retained or new data can be entered while the outputs are in the high-impedance state.
8.2 Functional Block Diagram
Figure 5. Logic Diagram (Positive Logic)
Figure 6. Logic Diagram (Positive Logic)
8.3 Feature Description
The SN74LVTH16373 included active bus-hold circuitry that holds unused or undriven inputs at a valid logic
state. Use of pullup or pulldown resistors with the bus-hold circuitry is not recommended. Additionally, it features
power up three state that will keep the outputs in high-impedance state during power up or power down when
VCC is between 0 and 1.5 V. This prevents driver conflict during power up.
To ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for hot-insertion applications using Ioff and power-up tri-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the device when it is powered down.
Table 2. Function Table (Each 8-Bit Section)
INPUTS
OUTPUT
Q
OE
LE
D
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
8.4 Device Functional Modes
Device functions as tristatable 8 or 16-bit latch per function table defined in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com