Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8420V Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 26Page - National Semiconductor (TI) DP8420V Datasheet HTML 27Page - National Semiconductor (TI) DP8420V Datasheet HTML 28Page - National Semiconductor (TI) DP8420V Datasheet HTML 29Page - National Semiconductor (TI) DP8420V Datasheet HTML 30Page - National Semiconductor (TI) DP8420V Datasheet HTML 31Page - National Semiconductor (TI) DP8420V Datasheet HTML 32Page - National Semiconductor (TI) DP8420V Datasheet HTML 33Page - National Semiconductor (TI) DP8420V Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
60 Port A Wait State Support (Continued)
TLF11109 – 38
FIGURE 24b WAITIN Example (WAIT is Sampled at the End of ‘‘T2’’)
64 GUARANTEEING RAS LOW TIME
AND RAS PRECHARGE TIME
The DP8420V21V22V DP84T22 will guarantee RAS pre-
charge time between accesses between refreshes and be-
tween access and refreshes The programming bits R0 and
R1 are used to program combinations of RAS precharge
time and RAS low time referenced by positive edges of
CLK RAS low time is programmed for refreshes only Dur-
ing an access the system designer guarantees the time
RAS is asserted through the DP8420V21V22V DP84T22
wait logic Since inserting wait states into an access in-
creases the length of the CPU signals which are used to
create ADS or ALE and AREQ the time that RAS is assert-
ed can be guaranteed
The precharge time is also guaranteed by the DP8420V
21V22V DP84T22 Each RAS output has a separate posi-
tive edge of CLK counter AREQ is negated setup to a posi-
tive edge of CLK to terminate the access That positive
edge is 1T The next positive edge is 2T RAS will not be
asserted until the programmed number of positive edges of
CLK have passed as shown in
Figure 25 Once the pro-
grammed precharge time has been met RAS will be assert-
ed from the positive edge of CLK However since there is a
precharge counter per RAS an access using another RAS
will not be delayed Precharge time before a refresh is al-
ways referenced from the access RAS negating before
RAS0 for the refresh asserting After a refresh precharge
time is referenced from RAS3 negating for the refresh to
the access RAS asserting
TLF11109 – 39
FIGURE 25 Guaranteeing RAS Precharge (DTACK is Sampled at the ‘‘T2’’ Falling Clock Edge)
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com