Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8420V Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8420V Datasheet HTML 1Page - National Semiconductor (TI) DP8420V Datasheet HTML 2Page - National Semiconductor (TI) DP8420V Datasheet HTML 3Page - National Semiconductor (TI) DP8420V Datasheet HTML 4Page - National Semiconductor (TI) DP8420V Datasheet HTML 5Page - National Semiconductor (TI) DP8420V Datasheet HTML 6Page - National Semiconductor (TI) DP8420V Datasheet HTML 7Page - National Semiconductor (TI) DP8420V Datasheet HTML 8Page - National Semiconductor (TI) DP8420V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
TLF11109
May 1992
DP8420V21V22V-33 DP84T22-25 microCMOS
Programmable 256k1M4M Dynamic RAM
ControllerDrivers
General Description
The DP8420V21V22V-33
DP84T22-25 dynamic RAM
controllers provide a low cost single chip interface between
dynamic RAM and all 8- 16- and 32-bit systems The
DP8420V21V22V-33 DP84T22-25 generate all the re-
quired access control signal timing for DRAMs An on-chip
refresh request clock is used to automatically refresh the
DRAM array Refreshes and accesses are arbitrated on
chip If necessary a WAIT or DTACK output inserts wait
states into system access cycles including burst mode ac-
cesses RAS low time during refreshes and RAS precharge
time after refreshes and back to back accesses are guaran-
teed through the insertion of wait states Separate on-chip
precharge counters for each RAS output can be used for
memory interleaving to avoid delayed back to back access-
es because of precharge An additional feature of the
DP8422V DP84T22 is two access ports to simplify dual ac-
cessing Arbitration among these ports and refresh is done
on chip To make board level circuit testing easier the
DP84T22 incorporates TRI-STATE
output buffers
Features
Y
On chip high precision delay line to guarantee critical
DRAM access timing parameters
Y
microCMOS process for low power
Y
High capacitance drivers for RAS CAS WE and DRAM
address on chip
Y
On chip support for nibble page and static column
DRAMs
Y
TRI-STATE outputs (DP84T22 only)
Y
Byte enable signals on chip allow byte writing in a word
size up to 32 bits with no external logic
Y
Selection of controller speeds 25 MHz and 33 MHz
Y
On board Port APort B (DP8422V DP84T22 only)re-
fresh arbitration logic
Y
Direct interface to all major microprocessors (applica-
tion notes available)
Y
4 RAS and 4 CAS drivers (the RAS and CAS configura-
tion is programmable)
of Pins
of Address
Largest
Direct Drive
Access
Control
(PLCC)
Outputs
DRAM
Memory
Ports
Possible
Capacity
Available
DP8420V
68
9
256 kbit
4 Mbytes
Single Access Port
DP8421V
68
10
1 Mbit
16 Mbytes
Single Access Port
DP8422V
84
11
4 Mbit
64 Mbytes
Dual Access Ports (A and B)
DP84T22
84
11
4 Mbit
64 Mbytes
Dual Access and TRI-STATE
Block Diagram
DP8420V21V22V DP74T22 DRAM Controller
TLF11109 – 1
FIGURE 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
Staggered RefreshTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8420V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420AV-20 NSC-DP8420AV-20 Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420AV-25 NSC-DP8420AV-25 Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
More results

Similar Description - DP8420V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8440-40 NSC-DP8440-40 Datasheet
644Kb / 46P
microCMOS Programmable 16/64 Mbit Dynamic RAM Controller/Driver
logo
Sharp Corporation
LH6V4256 SHARP-LH6V4256 Datasheet
198Kb / 18P
CMOS 1M (256K x 4) Dynamic RAM
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
logo
Cypress Semiconductor
CY64146V CYPRESS-CY64146V Datasheet
234Kb / 10P
4M (256K x 16) Static RAM
CY62147V CYPRESS-CY62147V Datasheet
170Kb / 9P
4M (256K x 16) Static RAM
logo
National Semiconductor ...
DP8418 NSC-DP8418 Datasheet
525Kb / 28P
64k, 256k Dynamic RAM Controller/Drivers
DP8428 NSC-DP8428 Datasheet
523Kb / 26P
1 Megabit High Speed Dynamic RAM Controller/Drivers
DP8520A NSC-DP8520A Datasheet
859Kb / 70P
DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com