Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8420V Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420V Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP8420V Datasheet HTML 41Page - National Semiconductor (TI) DP8420V Datasheet HTML 42Page - National Semiconductor (TI) DP8420V Datasheet HTML 43Page - National Semiconductor (TI) DP8420V Datasheet HTML 44Page - National Semiconductor (TI) DP8420V Datasheet HTML 45Page - National Semiconductor (TI) DP8420V Datasheet HTML 46Page - National Semiconductor (TI) DP8420V Datasheet HTML 47Page - National Semiconductor (TI) DP8420V Datasheet HTML 48Page - National Semiconductor (TI) DP8420V Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 DRAMs
per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Common Parameter
DP8420V21V22V and DP84T22V
Number
Symbol
Description
CL
CH
Min
Max
Min
Max
21
tPEDL
ECAS Asserted to DTACK
Asserted during a Burst Access
29
29
(Programmed as DTACK0)
22
tPEDH
ECAS Negated to DTACK
30
30
Negated during a Burst Access
23
tSWCK
WAITIN Asserted Setup to CLK
5
5
24
tPWINWEH
WIN Asserted to WE Asserted
18
28
25
tPWINWEL
WIN Negated to WE Negated
18
28
26
tPAQ
Row Column Address Valid to
20
29
Q0 – 8 9 10 Valid
27
tPCINCQ
COLINC Asserted to Q0 – 8 9 10
24
33
Incremented
28
tSCINEN
COLINC Asserted Setup to ECAS
14
16
Asserted to Ensure tASC e 0ns
29a
tSARQCK1
AREQ AREQB Negated Setup to CLK
25
25
High with 1 Period of Precharge
29b
tSARQCK2
AREQ AREQB Negated Setup to CLK High
11
11
with l1 Period of Precharge Programmed
30
tPAREQDH
AREQ Negated to DTACK Negated
20
20
31
tPCKCAS
CLK High to CAS Asserted
21
28
when Delayed by WIN
32
tSCADEN
Column Address Setup to ECAS
10
11
Asserted to Guarantee tASC e 0
33
tWCINC
COLINC Pulse Width
10
10
34a
tPCKCL0
CLK High to CAS Asserted following
65
73
Precharge (tRAH e 15 ns tASC e 0 ns)
34b
tPCKCL1
CLK High to CAS Asserted following
75
83
Precharge (tRAH e 15 ns tASC e 10 ns)
34c
tPCKCL2
CLK High to CAS Asserted following
75
83
Precharge (tRAH e 25 ns tASC e 0 ns)
34d
tPCKCL3
CLK High to CAS Asserted following
85
93
Precharge (tRAH e 25 ns tASC e 10 ns)
35
tCAH
Column Address Hold Time
25
25
(Interleave Mode Only)
36
tPCQR
CAS Asserted to Row Address
70
70
Valid (Interleave Mode Only)
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com