Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8422V Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 29Page - National Semiconductor (TI) DP8422V Datasheet HTML 30Page - National Semiconductor (TI) DP8422V Datasheet HTML 31Page - National Semiconductor (TI) DP8422V Datasheet HTML 32Page - National Semiconductor (TI) DP8422V Datasheet HTML 33Page - National Semiconductor (TI) DP8422V Datasheet HTML 34Page - National Semiconductor (TI) DP8422V Datasheet HTML 35Page - National Semiconductor (TI) DP8422V Datasheet HTML 36Page - National Semiconductor (TI) DP8422V Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
70 RAS and CAS Configuration Modes (Continued)
72 MEMORY INTERLEAVING
Memory interleaving allows the cycle time of DRAMs to be
reduced by having sequential accesses to different memory
banks Since the DP8420V21V22V DP84T22 have sepa-
rate precharge counters per bank sequential accesses will
not be delayed if the accessed banks use different RAS
outputs To ensure different RAS outputs will be used a
mode is selected where either one or two RAS outputs will
be asserted during an access The bank select or selects
B0 and B1 are then tied to the least significant address bits
causing a different group of RASs to assert during each
sequential access as shown in
Figure 27 In this figure there
should be at least one clock period of all RAS’s negated
between different RAS’s being asserted to avoid the condi-
tion of a CAS before RAS refresh cycle
73 ADDRESS PIPELINING
Address pipelining allows several access RASstobeas-
serted at once Because RASs can overlap each bank re-
quires either a mode where one RAS and one CAS are used
per bank as shown in
Figure 28a or where two RASs and
two CASs are used per bank as shown in
Figure 28b Byte
writing can be accomplished in a 16-bit word system if two
RASs and two CASs are used per bank In other systems
WEs (or external gating on the CAS outputs) must be used
to perform byte writing If WEs are used separate data in
and data out buffers must be used If the array is not layed
out this way a CAS to a bank can be low before RAS which
will cause a refresh of the DRAM not an access To take
full advantage of address pipelining memory interleaving is
used To memory interleave the least significant address
bits should be tied to the bank select inputs to ensure that
all ‘‘back to back’’ sequential accesses are not delayed
since different memory banks are accessed
TLF11109 – 44
FIGURE 27 Memory Interleaving (C6 C5 C4 e 1 1 0 during Programming)
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com