Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8422V Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 42Page - National Semiconductor (TI) DP8422V Datasheet HTML 43Page - National Semiconductor (TI) DP8422V Datasheet HTML 44Page - National Semiconductor (TI) DP8422V Datasheet HTML 45Page - National Semiconductor (TI) DP8422V Datasheet HTML 46Page - National Semiconductor (TI) DP8422V Datasheet HTML 47Page - National Semiconductor (TI) DP8422V Datasheet HTML 48Page - National Semiconductor (TI) DP8422V Datasheet HTML 49Page - National Semiconductor (TI) DP8422V Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 DRAMs
per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Difference
DP8420V21V22V and DP84T22V
Number
Symbol
Parameter Description
CL
CH
Min
Max
Min
Max
50
tD1
(AREQ or AREQB Negated to RAS
Negated) Minus (CLK High to RAS
99
Asserted)
51
tD2
(CLK High to Refresh RAS Negated)
77
Minus (CLK High to RAS Asserted)
52
tD3a
(ADS Asserted to RAS Asserted
(Mode 1)) Minus (AREQ Negated
4
4
to RAS Negated)
53
tD3b
(CLK High to RAS Asserted (Mode 0))
22
Minus (AREQ Negated to RAS Negated)
54
tD4
(ECAS Asserted to CAS Asserted)
b
55
b
55
Minus (ECAS Negated to CAS Negated)
55
tD5
(CLK to Refresh RAS Asserted) Minus
44
(CLK to Refresh RAS Negated)
52
tD6
(AREQ Negated to RAS Negated)
Minus (ADS Asserted to RAS
55
Asserted (Mode 1))
TRI-STATE
DP8420V21V22V-33
DP84T22-25
Number
Symbol
Parameter Description
CL
CH
CL
CH
Min
Max
Min
Max
Min
Max
Min
Max
80
tPZL
Delay from TRI-STATE
15
22
to Low Level
81
tPZH
Delay from TRI-STATE
18
25
to High Level
82
tPLZ
Delay from TRI-STATE
18
25
to TRI-STATE
83
tPHZ
Delay from TRI-STATE
18
25
to TRI-STATE
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com