Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8422V Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 40Page - National Semiconductor (TI) DP8422V Datasheet HTML 41Page - National Semiconductor (TI) DP8422V Datasheet HTML 42Page - National Semiconductor (TI) DP8422V Datasheet HTML 43Page - National Semiconductor (TI) DP8422V Datasheet HTML 44Page - National Semiconductor (TI) DP8422V Datasheet HTML 45Page - National Semiconductor (TI) DP8422V Datasheet HTML 46Page - National Semiconductor (TI) DP8422V Datasheet HTML 47Page - National Semiconductor (TI) DP8422V Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 DRAMs
per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Common Parameter
DP8420V21V22V and DP84T22V
Number
Symbol
Description
CL
CH
Min
Max
Min
Max
1fCLK
CLK Frequency
0
33
0
33
2
tCLKP
CLK Period
30
30
3 4
tCLKPW
CLK Pulse Width
12
12
5
fDCLK
DELCLK Frequency
6
20
6
20
6
tDCLKP
DELCLK Period
50
166
50
166
7 8
tDCLKPW
DELCLK Pulse Width
12
12
9a
tPRASCAS0
RAS Asserted to CAS Asserted
30
30
(tRAH e 15 ns tASC e 0 ns)
9b
tPRASCAS1
RAS Asserted to CAS Asserted
40
40
(tRAH e 15 ns tASC e 10 ns)
9c
tPRASCAS2
(RAS Asserted to CAS Asserted
40
40
(tRAH e 25 ns tASC e 0 ns)
9d
tPRASCAS3
(RAS Asserted to CAS Asserted
50
50
(tRAH e 25 ns tASC e 10 ns)
10a
tRAH
Row Address Hold Time (tRAH e 15)
15
15
10b
tRAH
Row Address Hold Time (tRAH e 25)
25
25
11a
tASC
Column Address Setup Time (tASC e 0)
0
0
11b
tASC
Column Address Setup Time (tASC e 10)
10
10
12
tPCKRAS
CLK High to RAS Asserted
18
22
following Precharge
13
tPARQRAS
AREQ Negated to RAS Negated
25
29
14
tPENCL
ECAS0 – 3 Asserted to CAS Asserted
15
22
15
tPENCH
ECAS0 – 3 Negated to CAS Negated
14
21
16
tPARQCAS
AREQ Negated to CAS Negated
36
43
17
tPCLKWH
CLK to WAIT Negated
25
25
18
tPCLKDL0
CLK to DTACK Asserted
(Programmed as DTACK of 12 1 1
23
23
or if WAITIN is Asserted)
19
tPEWL
ECAS Negated to WAIT Asserted
29
29
during a Burst Access
20
tSECK
ECAS Asserted Setup to CLK High to
Recognize the Rising Edge of CLK
13
13
during a Burst Access
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com