Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8422V Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 18Page - National Semiconductor (TI) DP8422V Datasheet HTML 19Page - National Semiconductor (TI) DP8422V Datasheet HTML 20Page - National Semiconductor (TI) DP8422V Datasheet HTML 21Page - National Semiconductor (TI) DP8422V Datasheet HTML 22Page - National Semiconductor (TI) DP8422V Datasheet HTML 23Page - National Semiconductor (TI) DP8422V Datasheet HTML 24Page - National Semiconductor (TI) DP8422V Datasheet HTML 25Page - National Semiconductor (TI) DP8422V Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
50 Refresh Options (Continued)
512 Externally ControlledBurst Refresh
To use externally controlledburst refresh the user must
disable the automatic internally controlled refreshes by as-
serting the input DISRFSH The user is responsible for gen-
erating the refresh request by asserting the input RFSH
Pulsing RFSH low sets an internal latch that is used to
produce the internal refresh request The refresh cycle will
take place on the next positive edge of CLK as shown in
Figure 14a If an access to DRAM is in progress or pre-
charge time for the last access has not been met the re-
fresh will be delayed Since pulsing RFSH low sets a latch
the user does not have to keep RFSH low until the refresh
starts When the last refresh RAS negates the internal re-
fresh request latch is cleared
TLF11109 – 22
FIGURE 14a Single External Refreshes (2 Periods of RAS Low during Refresh Programmed)
By keeping RFSH asserted past the positive edge of CLK
which ends the refresh cycle as shown in
Figure 14b the
user will perform another refresh cycle Using this tech-
nique the user can perform a burst refresh consisting of any
number of refresh cycles Each refresh cycle during a burst
refresh will meet the refresh RAS low time and the RAS
precharge time (programming bits R0 – 1)
If the user desires to burst refresh the entire DRAM (all row
addresses) he could generate an end of count signal (burst
refresh finished) by looking at one of the DP8420V21V
22V DP84T22 high address outputs (Q7 Q8 Q9 or Q10)
and the RFIP output The Qn outputs function as a decode
of how many row addresses have been refreshed (Q7 e
128 refreshes Q8 e 256 refreshes Q9 e 512 refreshes
Q10 e 1024 refreshes)
TLF11109 – 23
FIGURE 14b External Burst Refresh (2 Periods of RAS Precharge
2 Periods of Refresh RAS Low during Refresh Programmed)
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com