Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8422V Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422V Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DP8422V Datasheet HTML 39Page - National Semiconductor (TI) DP8422V Datasheet HTML 40Page - National Semiconductor (TI) DP8422V Datasheet HTML 41Page - National Semiconductor (TI) DP8422V Datasheet HTML 42Page - National Semiconductor (TI) DP8422V Datasheet HTML 43Page - National Semiconductor (TI) DP8422V Datasheet HTML 44Page - National Semiconductor (TI) DP8422V Datasheet HTML 45Page - National Semiconductor (TI) DP8422V Datasheet HTML 46Page - National Semiconductor (TI) DP8422V Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
130 AC Timing Parameters
Two speed selections are given the DP8420V21V22V-33
and the DP84T22-25 The differences between the two
parts are the maximum operating frequencies of the input
CLKs and the maximum delay specifications Low frequency
applications may use the ‘‘-33’’ part to gain improved timing
The AC timing parameters are grouped into sectional num-
bers as shown below These numbers also refer to the tim-
ing diagrams
1 – 36
Common parameters to all modes of operation
50 – 56
Difference parameters used to calculate
RAS low time
RAS precharge time
CAS high time and
CAS low time
100 – 121 Common dual access parameters used for Port
B accesses and inputs and outputs used only in
dual accessing
200 – 212 Refresh parameters
300 – 315 Mode 0 access parameters used in both single
and dual access applications
400 – 416 Mode 1 access parameters used in both single
and dual access applications
450 – 455 Special Mode 1 access parameters which super-
sede the 400 – 416 parameters when dual ac-
cessing
500 – 506 Programming parameters
Unless otherwise stated VCC e 50V g10% 0 k TA k
70 C the output load capacitance is typical for 4 banks of
18 DRAMs per bank including trace capacitance (see Note
2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
TLF11109 – 63
FIGURE 36 Clock DELCLK Timing
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com