Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3530 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 16Page - Texas Instruments LM3530 Datasheet HTML 17Page - Texas Instruments LM3530 Datasheet HTML 18Page - Texas Instruments LM3530 Datasheet HTML 19Page - Texas Instruments LM3530 Datasheet HTML 20Page - Texas Instruments LM3530 Datasheet HTML 21Page - Texas Instruments LM3530 Datasheet HTML 22Page - Texas Instruments LM3530 Datasheet HTML 23Page - Texas Instruments LM3530 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
0
20
40
60
80
100
CODE (DECMIL)
1
8
15
36
43
50
57
64
78
127
10
30
50
70
90
120
113
106
99
92
85
71
29
22
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
Table 2. ILED vs. Brightness Register Data (Exponential Mapping) (continued)
BRT DATA
% FULL-SCALE
BRT DATA (HEX)
% OF FULL-
BRT DATA
% OF FULL-
BRT
% OF FULL-
(HEX)
CURRENT
SCALE
(HEX)
SCALE
DATA
SCALE
CURRENT
CURRENT
(HEX)
CURRENT
0x1D
0.422%
0x3D
2.508%
0x5D
15.000%
0x7D
89.844%
0x1E
0.445%
0x3E
2.648%
0x5E
15.859%
0x7E
94.531%
0x1F
0.469%
0x3F
2.789%
0x5F
16.875%
0x7F
100.00%
Figure 35. Linear Brightness Mapping
Table 3. ILED vs. Brightness Register Data (Linear Mapping)
BRT DATA
% FULL-
BRT DATA
% OF FULL-
BRT DATA
% OF
BRT DATA (HEX)
% OF FULL-SCALE
(HEX)
SCALE
(HEX)
SCALE
(HEX)
FULL-
CURRENT (LINEAR)
CURREN
CURRENT
SCALE
T
(LINEAR)
CURRE
(LINEAR)
NT
(LINEA
R)
0x00
0.00%
0x20
25.79%
0x40
50.78%
0x60
75.78%
0x01
1.57%
0x21
26.57%
0x41
51.57%
0x61
76.56%
0x02
2.35%
0x22
27.35%
0x42
52.35%
0x62
77.35%
0x03
3.13%
0x23
28.13%
0x43
53.13%
0x63
78.13%
0x04
3.91%
0x24
28.91%
0x44
53.91%
0x64
78.91%
0x05
4.69%
0x25
29.69%
0x45
54.69%
0x65
79.69%
0x06
5.48%
0x26
30.47%
0x46
55.47%
0x66
80.47%
0x07
6.26%
0x27
31.25%
0x47
56.25%
0x67
81.25%
0x08
7.04%
0x28
32.04%
0x48
57.03%
0x68
82.03%
0x09
7.82%
0x29
32.82%
0x49
57.82%
0x69
82.81%
0x0A
8.60%
0x2A
33.60%
0x4A
58.60%
0x6A
83.59%
0x0B
9.38%
0x2B
34.38%
0x4B
59.38%
0x6B
84.38%
0x0C
10.16%
0x2C
35.16%
0x4C
60.16%
0x6C
85.16%
0x0D
10.94%
0x2D
35.94%
0x4D
60.94%
0x6D
85.94%
0x0E
11.72%
0x2E
36.72%
0x4E
61.72%
0x6E
86.72%
0x0F
12.51%
0x2F
37.50%
0x4F
62.50%
0x6F
87.50%
0x10
13.29%
0x30
38.29%
0x50
63.28%
0x70
88.28%
0x11
14.07%
0x31
39.07%
0x51
64.06%
0x71
89.06%
0x12
14.85%
0x32
39.85%
0x52
64.85%
0x72
89.84%
20
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com