Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3530 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 25Page - Texas Instruments LM3530 Datasheet HTML 26Page - Texas Instruments LM3530 Datasheet HTML 27Page - Texas Instruments LM3530 Datasheet HTML 28Page - Texas Instruments LM3530 Datasheet HTML 29Page - Texas Instruments LM3530 Datasheet HTML 30Page - Texas Instruments LM3530 Datasheet HTML 31Page - Texas Instruments LM3530 Datasheet HTML 32Page - Texas Instruments LM3530 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Bit 7
(Not Used)
Bit 6
ALS Input
Select 2
Bit 5
ALS Input
Select 1
Bit 4
ALS Mode
Bit 0
ALS
Averaging
Time
Bit 1
ALS
Averaging
Time
ALS Configuration Register
Address 0x20, Default Value 0x2C
MSB
LSB
Bit 3
ALS
Enable
Bit 2
ALS
Averaging
Time
Bit 7
Simple
Interface
Enable
Bit 6
PWM
Polarity
Bit 5
PWM
Enable
Bit 4
Full
Scale
Current
Select
Bit 0
I2C
Interface
Enable
Bit 1
Brightness
Mapping
Mode
Select
General Configuration Register
Address 0x10, Default Value 0xB0
MSB
LSB
Bit 3
Full
Scale
Current
Select
Bit 2
Full
Scale
Current
Select
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
*Note: Unused bits in the LM3530 Registers default to a logic '1'.
8.6.1.1 General Configuration Register (GP)
The General Configuration Register (address 0x10) is described in Figure 41 and Table 5.
Figure 41. General Configuration Register
Table 5. General Configuration Register Description (0x10)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(PWM Simple
(PWM Polarity)
(EN_PWM)
(Full-Scale
(Full-Scale
(Full-Scale
(Mapping Mode
(I2C Device
Enable
see Figure 31
Current
Current
Current
Select)
Enable)
Select)
Select)
Select)
0 = Simple
0 = PWM active
0 = LED current
000 = 5 mA full-scale current
0 = exponential
0 = Device
Interface at
high
is not a function
001 = 8.5 mA full-scale current
mapping
Disabled
PWM Input is
1 = PWM active
of PWM duty
010 = 12 mA full-scale current
1 = linear
1 = Device
Disabled
low
cycle
011 = 15.5 mA full-scale current
mapping
Enabled
1 = Simple
1 = LED current
100 = 19 mA full-scale current
Interface at
is a function of
101 = 22.5 mA full-scale current
PWM Input is
duty cycle
110 = 26 mA full-scale current
Enabled
111 = 29.5 mA full-scale current
8.6.1.2 ALS Configuration Register
The ALS Configuration Register controls the Ambient Light Sensing input functions and is described in Figure 42
and Table 6.
Figure 42. ALS Configuration Register
Table 6. ALS Configuration Register Description (0x20)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ALS Input
ALS Input
ALS Enable
ALS Enable
ALS
ALS
ALS
Select
Select
Averaging
Averaging
Averaging
Time
Time
Time
N/A
00 = The Average of ALS1 and
00 or 10 = ALS is disabled. The
000 = 32 ms
ALS2 is used to control the LED
Brightness Register is used to
001 = 64 ms
brightness
determine the LED current.
010 = 128 ms
01 = ALS1 is used to control the
01 = ALS is enabled. The
011 = 256 ms
LED brightness
Brightness Register is used to
100 = 512 ms
10 = ALS2 is used to control the
determine the LED Current.
101 = 1024 ms
LED brightness
11 = ALS inputs are enabled.
110 = 2048 ms
11 = The ALS input with the
Ambient light determines the LED 111 = 4096 ms
highest voltage is used to control
current.
the LED brightness
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com