Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3530 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 12Page - Texas Instruments LM3530 Datasheet HTML 13Page - Texas Instruments LM3530 Datasheet HTML 14Page - Texas Instruments LM3530 Datasheet HTML 15Page - Texas Instruments LM3530 Datasheet HTML 16Page - Texas Instruments LM3530 Datasheet HTML 17Page - Texas Instruments LM3530 Datasheet HTML 18Page - Texas Instruments LM3530 Datasheet HTML 19Page - Texas Instruments LM3530 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Zone Boundary 3
Zone Boundary 2
Zone Boundary 1
Zone Boundary 0
VZB3 +
VHYST
2
VZB3 -
VHYST
2
VZB2 +
VHYST
2
VZB2 -
VHYST
2
VZB1 +
VHYST
2
VZB0+
VHYST
2
VZB0 -
VHYST
2
VZB1 -
VHYST
2
#1
#2
#3
#4
#5
#6
#7
#8
1V
Zone 4
Zone 3
Zone 2
Zone 1
Zone 0
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
Figure 32. Zone Boundaries With Hysteresis
8.3.8
Minimum Zone Boundary Settings
The actual minimum zone boundary setting is code 0x03. Codes of 0x00, 0x01, and 0x02 are all mapped to code
0x03. Table 1 shows the Zone Boundary codes 0x00 through 0x04, the typical thresholds, and the high and low
hysteresis values. The remapping of codes 0x00 - 0x02 plus the additional 4mV of offset voltage is necessary to
prevent random offsets and noise on the ALS inputs from creating threshold levels that are below GND. This
essentially guarantees that any Zone Boundary threshold selected is achievable with positive ALS voltages.
Table 1. Ideal Zone Boundary Settings with Hysteresis (Lower 5 Codes)
ZONE BOUNDARY CODE
TYPICAL ZONE BOUNDARY
TYPICAL THRESHOLD +
TYPICAL THRESHOLD -
THRESHOLD (mV)
HYSTERESIS (mV)
HYSTERESIS (mV)
0x00
15.8
19.3
12.3
0x01
15.8
19.3
12.3
0x02
15.8
19.3
12.3
0x03
15.8
19.3
12.3
0x04
19.7
23.2
16.2
16
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com