Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3530 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 21Page - Texas Instruments LM3530 Datasheet HTML 22Page - Texas Instruments LM3530 Datasheet HTML 23Page - Texas Instruments LM3530 Datasheet HTML 24Page - Texas Instruments LM3530 Datasheet HTML 25Page - Texas Instruments LM3530 Datasheet HTML 26Page - Texas Instruments LM3530 Datasheet HTML 27Page - Texas Instruments LM3530 Datasheet HTML 28Page - Texas Instruments LM3530 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
VALS1
437.5 mV
(500 LUX)
Brightness
Zone
LM3530 turns on
and averaging
begins
LED
Current
0 mV
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Zone 0
Zone 2
Zone 4
7.38 mA
Zone 2
2
3
4
3
2
ALS
Average
979 mV (900 LUX)
1.3 mA
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
Figure 37. ALS Averaging Example
8.3.16 Interrupt Output
INT is an open-drain output which pulls low when the Ambient Light Sensing circuit has transitioned to a new
ambient brightness zone. When a read-back of the ALS Information Register is done INT is reset to the open
drain state.
8.3.17 Overvoltage Protection
Overvoltage protection is set at 40 V (minimum) for the LM3530-40 and 23.6 V minimum for the LM3530-25. The
40-V version allows typically up to 11 series white LEDs (assuming 3.5 V per LED + 400 mV headroom voltage
for the current sink = 38.9 V). When the OVP threshold is reached the LM3530 switching converter stops
switching, allowing the output voltage to discharge. Switching will resume when the output voltage falls to
typically 1 V below the OVP threshold. In the event of an LED open circuit the output will be limited to around 40
V with a small amount of voltage ripple. The 25-V version allows up to 6 series white LEDs (assuming 3.5-V per
LED + 400 mV headroom voltage for the current sink = 21.4 V). The 25-V OVP option allows for the use of lower
voltage and smaller sized (25 V) output capacitors. The 40-V device would typically require a 50-V output
capacitor.
8.3.18 Hardware Enable
The HWEN input is an active high hardware enable which must be pulled high to enable the device. Pulling this
pin low disables the I2C-compatible interface, the simple enable/disable input, the PWM input, and resets all
registers to their default state (see Table 4).
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com