Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3530 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 26Page - Texas Instruments LM3530 Datasheet HTML 27Page - Texas Instruments LM3530 Datasheet HTML 28Page - Texas Instruments LM3530 Datasheet HTML 29Page - Texas Instruments LM3530 Datasheet HTML 30Page - Texas Instruments LM3530 Datasheet HTML 31Page - Texas Instruments LM3530 Datasheet HTML 32Page - Texas Instruments LM3530 Datasheet HTML 33Page - Texas Instruments LM3530 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Bit 7
(Not Used)
Bit 6
(Not Used)
Bit 5
(Not Used)
Bit 4
(Not Used)
Bit 0
Z0
Zone Data
Bit 1
Z1
Zone Data
ALS Zone Information Register
Address 0x40, Default Value 0x00
MSB
LSB
Bit 3
Zone
Boundry
Change
Flag
Bit 2
Z2
Zone Data
Bit 7
Not Used
Bit 6
Not Used
Bit 5
BRRI2
Bit 4
BRRI1
Bit 0
BRRD0
Bit 1
BRRD1
Brightness Ramp Rate Register
Address 0x30, Default Value 0x00
MSB
LSB
Bit 3
BRRI0
Bit 2
BRRD2
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
8.6.1.3 Brightness Ramp Rate Register
The Brightness Ramp Rate Register controls the rate of rise or fall of the LED current. Both the rising rate and
falling rate are independently adjustable Figure 43 and Table 7 describe the bit settings.
Figure 43. Brightness Ramp Rate Register
Table 7. Brightness Ramp Rate Register Description (0x30)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(BRRI2)
(BRRI1)
(BRRI0)
(BRRD2)
(BRRD1)
(BRRD0)
N/A
N/A
000 = 8 µs/step (1.106 ms from 0 to Full Scale)
000 = 8 µs/step (1.106 ms from Full Scale to 0)
001 = 1.024 ms/step (130 ms from 0 to Full Scale)
001 = 1.024 ms/step (130 ms from Full Scale to 0)
010 = 2.048 ms/step (260 ms from 0 to Full Scale)
010 = 2.048 ms/step (260 ms from Full Scale to 0)
011 = 4.096 ms/step (520 ms from 0 to Full Scale)
011 = 4.096 ms/step (520 ms from Full Scale to 0)
100 = 8.192 ms/step (1.04 s from 0 to Full Scale)
100 = 8.192 ms/step (1.04 s from Full Scale to 0)
101 = 16.384 ms/step (2.08 s from 0 to Full Scale)
101 = 16.384 ms/step (2.08 s from Full Scale to 0)
110 = 32.768 ms/step (4.16 s from 0 to Full Scale)
110 = 32.768 ms/step (4.16 s from Full Scale to 0)
111 = 65.538 ms/step (8.32 s from 0 to Full Scale)
111 = 65.538 ms/step (8.32 s from Full Scale to 0)
8.6.1.4 ALS Zone Information Register
The ALS Zone Information Register is a read-only register that is updated every time the active ALS input(s)
detect that the ambient light has changed to a new zone as programmed in the Zone Boundary Registers. See
Zone Boundary Register description. A new update to the ALS Zone Information Register is signaled by the INT
output going from high to low. A read-back of the ALS Zone Information Register will cause the INT output to go
open-drain again. The Zone Change Flag (bit 3) is also updated on a Zone change and cleared on a read back
of the ALS Zone Information Register. Figure 44 and Table 8 detail the ALS Zone Information Register.
Figure 44. ALS Zone Information Register
Table 8. ALS Zone Information Register Description (0x40)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(Zone Boundary Change Flag)
(Z2)
(Z1)
(Z0)
N/A
N/A
N/A
N/A
1 = the active ALS input has
000 = Zone 0
changed to a new ambient light
001 = Zone 1
zone as programmed in the
010 = Zone 2
Zone Boundary Registers (ZB0
011 = Zone 3
-ZB3)
100 = Zone 4
0 = no zone change
8.6.1.5 ALS Resistor Select Register
The ALS Resistor Select Register configures the internal resistance from either the ALS1 or ALS2 input to GND.
Bits [3:0] program the input resistance at the ALS1 input and bits [7:4] program the input resistance at the ALS2
input. With bits [3:0] set to all zeroes the ALS1 input is high impedance. With bits [7:4] set to all zeroes the ALS2
input is high impedance.
30
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com