Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3530 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 31Page - Texas Instruments LM3530 Datasheet HTML 32Page - Texas Instruments LM3530 Datasheet HTML 33Page - Texas Instruments LM3530 Datasheet HTML 34Page - Texas Instruments LM3530 Datasheet HTML 35Page - Texas Instruments LM3530 Datasheet HTML 36Page - Texas Instruments LM3530 Datasheet HTML 37Page - Texas Instruments LM3530 Datasheet HTML 38Page - Texas Instruments LM3530 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
I
=
where
L
I =
'
MAX
OUT_
OUT
V
IN
V
x
x K
L
PEAK
I
I
'
-
OUT
SW
V
L
f
x
x
x
2
)
(
IN
V x
IN
OUT
V
V
-
)
(
D = 1
-
VOUT
VIN x ä
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
9.2.2 Detailed Design Procedure
9.2.2.1 LED Current Setting/Maximum LED Current
The maximum LED current is restricted by the following factors: the maximum duty cycle that the boost converter
can achieve, the peak current limitations, and the maximum output voltage.
9.2.2.2 Maximum Duty Cycle
The LM3530 can achieve up to typically 94% maximum duty cycle. Two factors can cause the duty cycle to
increase: an increase in the difference between VOUT and VIN and a decrease in efficiency. This is shown by
Equation 12:
(12)
For a 9-LED configuration VOUT = (3.6 V x 9LED + VHR) = 33 V operating with η = 70% from a 3-V battery, the
duty cycle requirement would be around 93.6%. Lower efficiency or larger VOUT to VIN differentials can push the
duty cycle requirement beyond 94%.
9.2.2.3 Peak Current Limit
The LM3530 boost converter has a peak current limit for the internal power switch of 839 mA typical (739 mA
minimum). When the peak switch current reaches the current limit, the duty cycle is terminated resulting in a limit
on the maximum output current and thus the maximum output power the LM3530 can deliver. Calculate the
maximum LED current as a function of VIN, VOUT, L, efficiency (η) and IPEAK as:
where
•
ƒSW = 500 kHz
•
η and IPEAK can be found in the Efficiency and IPEAK curves in the Specifications and Application Curves.
(13)
9.2.2.4 Output Voltage Limitations
The LM3530 has a maximum output voltage of 41 V typical (40 V minimum) for the LM3530-40 version and 24 V
typical (23.6 V minimum) for the LM3530-25 version. When the output voltage rises above this threshold (VOVP)
the overvoltage protection feature is activated and the duty cycle is terminated. Switching will cease until VOUT
drops below the hysteresis level (typically 1 V below VOVP). For larger numbers of series connected LEDs the
output voltage can reach the OVP threshold at larger LED currents and colder ambient temperatures. Typically
white LEDs have a –3mV/°C temperature coefficient.
9.2.2.5 Output Capacitor Selection
The LM3530’s output capacitor has two functions: filtering of the boost converters switching ripple, and to ensure
feedback loop stability. As a filter, the output capacitor supplies the LED current during the boost converters on
time and absorbs inductor energy during the switch off time. This causes a sag in the output voltage during the
on time and a rise in the output voltage during the off time. Because of this, the output capacitor must be sized
large enough to filter the inductor current ripple that could cause the output voltage ripple to become excessive.
As a feedback loop component, the output capacitor must be at least 1 µF and have low ESR otherwise the
LM3530 boost converter can become unstable. This requires the use of ceramic output capacitors. Table 14 lists
part numbers and voltage ratings for different output capacitors that can be used with the LM3530.
Table 14. Recommended Input/Output Capacitors
MANUFACTURER
PART NUMBER
VALUE (µF)
SIZE
RATING (V)
DESCRIPTION
Murata
GRM21BR71H105KA12
1
0805
50
COUT
Murata
GRM188B31A225KE33
2.2
0805
10
CIN
TDK
C1608X5R0J225
2.2
0603
6.3
CIN
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com