Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3530 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 11Page - Texas Instruments LM3530 Datasheet HTML 12Page - Texas Instruments LM3530 Datasheet HTML 13Page - Texas Instruments LM3530 Datasheet HTML 14Page - Texas Instruments LM3530 Datasheet HTML 15Page - Texas Instruments LM3530 Datasheet HTML 16Page - Texas Instruments LM3530 Datasheet HTML 17Page - Texas Instruments LM3530 Datasheet HTML 18Page - Texas Instruments LM3530 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Zone0
Zone1
Zone2
Zone3
Zone4
Zone0
Zone1
Zone2
Zone3
Zone4
1 Ave
Period
Zone0
Zone1
Zone2
Zone3
Zone4
Averager Output
LED Brightness
Zone
ALS Input
Zone0
Zone1
Zone2
Zone3
Zone4
1
3
4
2
2
1
1
Averager
Output
1 Ave
Period
tBRGT-CHANGE =
2.75 Average
Time
tBRGT-CHANGE =
1.75 Average Time
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
Figure 30. Ambient Light Input To Backlight
Transition
Figure 31. Perceived Brightness Change Time
8.3.6
Zone Boundary Settings
Registers 0x60, 0x61, 0x62, and 0x63 set the 4 zone boundaries (thresholds) for the ALS inputs. These 4 zone
boundaries create 5 brightness zones which map over to 5 separate brightness zone targets (see Figure 27).
Each 8-bit zone boundary register can set a threshold from typically 0 to 1 V with linear step sizes of
approximately 1/255 = 3.92 mV. Additionally, each zone boundary has built in hysteresis which can be either
lower or higher then the programmed Zone Boundary depending on the last direction (either up or down) of the
ALS input voltage.
8.3.7
Zone Boundary Trip Points and Hysteresis
For each zone boundary setting, the trip point will vary above or below the nominal set point depending on the
direction (either up or down) of the ALS input voltage. This is designed to keep the ALS input from oscillating
back and forth between zones in the event that the ALS voltage is residing near to the programmed zone
boundary threshold. The Zone Boundary Hysteresis will follow these 2 rules:
1. If the last zone transition was from low to high, then the trip point (VTRIP) will be VZONE_BOUNDARY - VHYST/2,
where VZONE_BOUNDARY is the zone boundary set point as programmed into the Zone Boundary registers, and
VHYST is typically 7 mV.
2. If the last zone transition was from high to low then the trip point (VTRIP) will be VZONE_BOUNDARY + VHYST/2.
Figure 32 details how the LM3530 ALS Input Zone Boundary Thresholds vary depending on the direction of the
ALS input voltage.
Referring to Figure 32, each numbered trip point shown is determined from the direction of the previous ALS
zone transition.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com