Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4937RL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4937RL/NOPB
Description  Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4937RL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4937RL/NOPB Datasheet HTML 1Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 2Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 3Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 4Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 5Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 6Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 7Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 8Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
F
E
D
C
B
A
1
2
3
4
5
6
Ci
Speaker
AMP
Differential +
LIN
RIN
+
Volume
HP
AMP
Differential -
Volume
-6 ~ + 15 dB
MCLK
I2S CLK
I2S SDI
I2S WS
Volume
Mono
Earpiece
(Receiver)
-
-
PLL
I
2
C/SPI
Interface
5 ~ - 56 dB
Volume
5 ~ - 56 dB
Volume
5 ~ - 56 dB
Volume
5 ~ - 56 dB
Mixer
and
Output
Mode
Select
Ci
Ci
Ci
DAC
Gain
-3 ~ 6 dB
-12 ~ + 9 dB
I
2
C Vdd
SDA/SDI
SCL/SCK
ADDR/ENB
MODE
STEREO
DAC
LM4937
SNAS369J – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
Block Diagram
Figure 1. Audio Sub-System Block Diagram with OCL HP Outputs
(HP outputs may also be configured as cap-coupled)
Connection Diagram
Figure 2. 36-Bump DSBGA
Top View (Bump Side Down)
See YPG0036 Package
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com