Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4937RL/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LM4937RL/NOPB
Description  Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4937RL/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM4937RL/NOPB Datasheet HTML 28Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 29Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 30Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 31Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 32Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 33Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 34Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 35Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
LM4937
SNAS369J – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
•
Cap-Coupled (CD_6 = 0)
–
S1 = OFF
–
S2 = OFF
–
S3 = OFF
–
S4 = ON
PLL FILTER CONFIGURATION
The LM4937 demo board comes with a simple filter setup by connecting jumpers S5 and S6. Removing these
and connecting jumpers S7 and S8 will allow for an alternate PLL filter configuration to be used at R2 and C23.
ON-BOARD SPDIF RECEIVER
The SPDIF receiver present on the LM4937 demo board allows quick demonstration of the capabilities of the
LM4937 by using the common SPDIF output found on most CD/DVD players today. There are some limitations in
its useage, as the receiver will not work with digital supplies of less than 3.0V and analog supplies of less than
4V. This means low analog supply voltage testing of the LM4937 must be done on the external digital bus.
The choice of using on-board or external digital bus is made usign jumpers S23, S24, S26, and S27 as described
above.
S25 selects whether the Toslink or Coaxial SPDIF input is used. The top two pins connects the toslink, the
bottom two connect the coaxial input.
Power on the digital side is routed through S20 (connecting to the other digital supplies), while on the analog side
it is interrupted by S21. Both jumpers must be in place for the receiver to function. The part is already configured
for I2S standard outputs. Jumper S28 allows the DATA output to be pulled either high or low. Default is high
(jumper on right two pins).
It may be necessary to quickly toggle S29 to reset the receiver and start it working upon initial power up.. A quick
short across S29 should clear this condition.
LM4937 I2C/SPI INTERFACE SOFTWARE
Convenient graphical user interface software is available for demonstration purposes of the LM4937. It allows for
either SPI or I2C control via either USB or parallel port connections to a Windows computer. Control options
include all mode and output settings, volume controls, PLL and DAC setup, FIR setting and on-the-fly adjustment
by an easy to use graphical interface. An advanced option is also present to allow direct, register-level
commands. Software is available from www.ti.com and is compatible with Windows operating systems of
Windows 98 or more (with USB support) with the latest .NET updates from Microsoft.
32
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com