Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4937RL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4937RL/NOPB
Description  Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4937RL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4937RL/NOPB Datasheet HTML 4Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 5Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 6Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 7Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 8Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 9Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 10Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 11Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
LM4937
SNAS369J – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
DIGITAL SECTION ELECTRICAL CHARACTERISTICS
(1)(2) (continued)
The following specifications apply for 3.0V
≤ AVDD ≤ 5.0V and 2.7V ≤ DVDD ≤ 4.0V, unless otherwise specified. Limits apply
for TA = 25°C.
Symbol
Parameter
Conditions
LM4937
Units
(Limits)
Typical(3)
Limits(4)(5)
I2CVDD
0.7 x
VIH
I2C/SPI Input High Voltage
V (min)
I2CVDD
0
0.25 x
VIL
I2C/SPI Input Low Voltage
V (max)
I2CVDD
SPI/I2C (2.2V
≤ I2CVDD ≤ 4.0V)
fSPI
Maximum SPI Frequency
4000
kHz (max)
tSPISETD
SPI Data Setup Time
100
ns (max)
tSPISETENB
SPI ENB Setup Time
100
ns (max)
tSPIHOLDD
SPI Data Hold Time
100
ns (max)
tSPIHOLENB
SPI ENB Hold Time
100
ns (max)
tSPICL
SPI Clock Low Time
125
ns (max)
tSPICH
SPI Clock High Time
125
ns (max)
fCLKI2C
I2C_CLK Frequency
400
kHz (max)
tI2CHOLD
I2C_DATA Hold Time
100
ns (max)
tI2CSET
I2C_DATA Setup Time
100
ns (max)
0.7 x
VIH
I2C/SPI Input High Voltage
I2CVDD
V (min)
I2CVDD
0.3 x
VIL
I2C/SPI Input Low Voltage-
0
V (ax)
I2CVDD
I2S(1.7V
≤ VDD_IO ≤ 2.7V)
I2S_RES = 1
1536
6144
kHz (ax)
I2S_CLK Frequency
I2S_RES = 0
3072
12288
kHz (max)
fCLKI2S
40
%
I2S_WS Duty Cycle
50
60
%
0.75 x
VIH
Digital Input High Voltage
V (min)
VDD_IO
0.25 x
VIL
Digital Input Low Voltage
V (max)
VDD_IO
I2S(2.7V
≤ VDD_IO ≤ 4.0V)
1536
6144
kHz (max)
I2S_CLK Frequency
I2S_RES = 0
3072
12288
kHz (max)
fCLKI2S
40
%
I2S_WS Duty Cycle
I2S_RES = 1
50
60
%
0.7 x
VIH
Digital Input High Voltage
V (min)
VDD_IO
0.3x
VIL
Digital Input Low Voltage
V (max)
VDD_IO
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com