Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4937RL/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM4937RL/NOPB
Description  Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4937RL/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4937RL/NOPB Datasheet HTML 17Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 18Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 19Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 20Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 21Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 22Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 23Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 24Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
LM4937
www.ti.com
SNAS369J – OCTOBER 2006 – REVISED MAY 2013
Fs (kHz)
DAC Oversampling Ratio
Required CLock at DAC Clock Generator
Input (MHz)
22.05
125
5.5125
22.05
128
5.6448
24
125
6
24
128
6.144
32
125
8
32
128
8.192
44.1
125
11.025
44.1
128
11.2896
48
125
12
48
128
12.288
88.2
64
11.2896
96
64
12.288
176.4
32
22.5792
192
32
24.576
Methods for producing these clock frequencies are described in the PLL CONFIGURATION REGISTERS
section.
The R divider can be used when the master clock is exactly 12.00 MHz in order to generate different sample
rates. The Table below shows different sample rates supported from 12.00MHz by using only the R divider and
disabling the PLL. In this way we can save power and the clock jitter will be low.
R_DIV
Divide Value
DAC Clock Generator Input
Sample Rate Supported <KHz>
Frequency <MHz>
11
6
2
8
9
5
2.4
9.6
7
4
3
12
5
3
4
16
4
2.5
4.8
19.2
3
2
6
24
2
1.5
8
32
0
1
12
48
The R divider can also be used along with the P divider in order to create the clock needed to support low
sample rates.
DAC SETUP REGISTER
This register is used to configure the basic operation of the stereo DAC.
Table 20. DAC_SETUP (0Eh)
(Set = logic 1, Clear = logic 0)
Bits
Register
Description
1:0
DAC_MODE
The DAC used in the LM4937 can operate in one of 4 oversampling modes.
The modes are described as follows:
DAC_MODE
Oversampling Rate
Typical FS
Clock Required
00
125
48KHz
12.000MHz (USB Mode)
01
128
44.1KHz
11.2896MHz
48KHz
12.288MHz
10
64
96KHz
12.288MHz
11
32
192KHz
24.576MHz
2
MUTE_L
Mutes the left DAC channel on the next zero crossing.
3
MUTE_R
Mutes the right DAC channel on the next zero crossing.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com